Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4473GL Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP4473GL
Description  High-Efficiency, Fast-Transient, 3.5A, 36V Synchronous, Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4473GL Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP4473GL Datasheet HTML 3Page - Monolithic Power Systems MP4473GL Datasheet HTML 4Page - Monolithic Power Systems MP4473GL Datasheet HTML 5Page - Monolithic Power Systems MP4473GL Datasheet HTML 6Page - Monolithic Power Systems MP4473GL Datasheet HTML 7Page - Monolithic Power Systems MP4473GL Datasheet HTML 8Page - Monolithic Power Systems MP4473GL Datasheet HTML 9Page - Monolithic Power Systems MP4473GL Datasheet HTML 10Page - Monolithic Power Systems MP4473GL Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
MP4473–HIGH-EFFICIENCY, FAST-TRANSIENT, SYNCHRONOUS, STEP-DOWN CONVERTER
MP4473 Rev. 1.0
www.MonolithicPower.com
7
12/15/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 24V, VOUT = 3.3V, L = 10µH, RFREQ = 63.4k, TA = +25°C, unless otherwise noted.
Fsw vs. VIN
Fsw vs. Output Current
450
500
550
0
5 10 15 20 25 30 35 40
VIN (V)
OUTPUT CURRENT (A)
Case Temperature Rise vs.
Output Current
0
5
10
15
20
25
30
35
40
012
3
45
OUTPUT CURRENT (A)
V
IN=36V
V
IN=24V
Line Regulation
-1.50
-1.00
-0.50
0.00
0.50
1.00
1.50
010
20
30
40
VIN (V)
I
O=1A
Load Regulation
-1.00
-0.50
0.00
0.50
1.00
01
23
45
OUTPUT CURRENT (A)
I
O=1A
200
300
400
500
600
700
800
1 1.5
2 2.5
3 3.5
4 4.5
5
OUTPUT CURRENT (A)
Efficiency vs.
Load Current
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
VIN=12V
VIN=24V
VIN=36V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com