Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2155 Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP2155
Description  High Efficiency Single Inductor Buck-Boost Converter with 2.2A Switches
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2155 Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP2155 Datasheet HTML 10Page - Monolithic Power Systems MP2155 Datasheet HTML 11Page - Monolithic Power Systems MP2155 Datasheet HTML 12Page - Monolithic Power Systems MP2155 Datasheet HTML 13Page - Monolithic Power Systems MP2155 Datasheet HTML 14Page - Monolithic Power Systems MP2155 Datasheet HTML 15Page - Monolithic Power Systems MP2155 Datasheet HTML 16Page - Monolithic Power Systems MP2155 Datasheet HTML 17Page - Monolithic Power Systems MP2155 Datasheet HTML 18Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
MP2155 –HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2.2A SWITCHES
MP2155 Rev. 1.0
www.MonolithicPower.com
15
1/26/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
To use MP2155 correctly, A resistor divider must
be connected between Vout and GND, and the
middle point of the divider connected to FB pin as
shown in Typically Application on page 1.
2
R
)
1
V
V
(
1
R
FB
OUT
×
−
=
(1)
High R2 resistance (eg. 100kΩ) can reduce the
power consumption, while lower than 1MΩ
resistance is recommended for R1 for good
output accuracy.
Inductor Selection
The inductor is the key passive component for
switching converters. With a buck-boost device,
the inductor selection affects the boundary
conditions in which the converter works, as buck
at the maximum input voltage and as a boost at
the minimum input voltage.
Two critical inductance values are then obtained
according to the following formulas.
L
REQ
)
MAX
(
IN
OUT
)
MAX
(
IN
OUT
BUCK
MIN
I
F
V
)
V
V
(
V
L
Δ
×
×
−
×
=
−
(2)
L
REQ
OUT
)
MIN
(
IN
OUT
)
MIN
(
IN
BOOST
MIN
I
F
V
)
V
V
(
V
L
Δ
×
×
−
×
=
−
(3)
Where:
FREQ: minimum switching frequency
∆IL: the peak-to-peak inductor ripple inductor
current. As a rule of thumb, the peak-to-peak
ripple can be set at 10%-20% of the output
current.
The minimum inductor value for the application is
the higher one between Equation 2 and Equation
3. In addition to the inductance value the
maximum current the inductor can handle must
be calculated in order to avoid saturation.
L
F
V
2
)
V
V
(
V
I
I
REQ
)
MAX
(
IN
OUT
)
MAX
(
IN
OUT
OUT
BUCK
PEAK
×
×
×
−
×
+
η
=
−
(4)
L
F
V
)
V
V
(
V
V
I
V
I
REQ
OUT
)
MIN
(
IN
OUT
)
MIN
(
IN
)
MIN
(
IN
OUT
OUT
BOOST
PEAK
×
×
−
×
+
×
η
×
=
−
(5)
Where η is the estimated efficiency of MP2155.
The maximum of the two values above must be
considered when selecting the inductor.
Input and Output Capacitor Selection
It is recommended to use ceramic capacitors with
low ESR as input and output capacitors in order
to filter any disturbance present in the input line
and to obtain stable operation.
Minimum values of 10uF for both capacitors are
needed to achieve good behavior of the device.
The input capacitor must be placed as close as
possible to the device.
Other Consideration
MP2155 employs the classic hiccup mode for
SCP. This method has an inherited drawback: if
the output short is released at a time closed to
SS end, then Vo would has overshoot. To
attenuate Vo overshoot at SCP recovery, a
forward RC series can be connected in parallel
with high side resistor of FB divider, as R3 and
C5 in Figure 5 shows. The RC acts as a soft
startup when Vo short is released at the time of
internal SS’s end.
PCB Layout Guide
1. Input and output capacitors should be close to
MP2155’s Vin, Vout and PGND pins.
2. The wire connecting input capacitor to Vcc pin
should be as short as possible. For better
performance in noisy environment, an additional
capacitor very close to Vcc pin can be used to
bypass noise for Vcc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com