Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2155 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2155
Description  High Efficiency Single Inductor Buck-Boost Converter with 2.2A Switches
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2155 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2155 Datasheet HTML 9Page - Monolithic Power Systems MP2155 Datasheet HTML 10Page - Monolithic Power Systems MP2155 Datasheet HTML 11Page - Monolithic Power Systems MP2155 Datasheet HTML 12Page - Monolithic Power Systems MP2155 Datasheet HTML 13Page - Monolithic Power Systems MP2155 Datasheet HTML 14Page - Monolithic Power Systems MP2155 Datasheet HTML 15Page - Monolithic Power Systems MP2155 Datasheet HTML 16Page - Monolithic Power Systems MP2155 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
MP2155 –HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2.2A SWITCHES
MP2155 Rev. 1.0
www.MonolithicPower.com
13
1/26/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
OPERATION
The MP2155 is a high efficiency, dual mode
buck-boost converter that provides output voltage
above, equal to or below the input voltage. When
the MODE pin is held high, the MP2155 operates
in constant-frequency PWM mode with peak
current mode control. As shown in Figure 1, the
output voltage is sensed via the FB pin through
an external resistor-divider from the output to
ground. The voltage difference between FB pin
and the internal reference is amplified by error
amplifier to generate control signal VC-Buck. By
comparing VC-Buck with internal compensation
ramp (the sensed SWA’s current with slope
compensation) through Buck comparator, a PWM
control signal for PWM buck mode is outputted.
Another control signal VC-Boost is derived from VC-
Buck
through
level
shift.
Similarly,
VC-Boost
compares with the same ramp signal through
Boost comparator and generates the PWM
control signal for PWM boost mode. The switch
topology for the buck-boost converter is shown in
Figure 2.
SWA
SWB
SWC
SW1
SW2
SWD
Vin
Vout
MP2155
Figure 2—Buck-Boost Switch Topology
Buck Region (Vin > Vout)
When the input voltage is significantly greater
than output voltage, which means the converter
can deliver energy to load within the maximum
duty cycle of SWA, so the converter operates in
buck mode. The control signal VC-Boost is always
lower than compensation ramp because Buck
can deliver enough energy to load, thus switch D
turns on constantly and switch C remains off.
Meanwhile, VC-Buck compares with compensation
ramp normally and generates PWM signal,
therefore, switches A and B are pulse-width-
modulated to produce the required duty cycle to
support the output voltage.
Buck-Boost Region (Vin ≈ Vout)
When Vin is close to Vout, due to duty cycle limit
of SWA the converter isn’t able to provide wanted
energy to load. In this case SWA will be turned
on over all the period, that is, there is no BD
operation(SWB and SWD being turned on
simultaneously). Now a new period begins. Since
there is no BD in last period, an offset voltage is
added to the ramp signal to make the ramp
signal easily hit VC-Buck. At the same time due to
loop regulation VC-Boost (as well as VC-Buck) rises
to some level, so that the ramp signal can
intersect it to produce the PWM driving signal for
Boost operation. After SWC is turned off the
ramp signal continues rising (the actual inductor
current may rise or fall depending on the
difference between Vin and Vout), when the
ramp intersects VC-Buck, PWM signal for Buck
operation then is generated. Now the buck’s duty
cycle is within its limit, so there is BD operation in
current period, which means next period the
offset voltage will be removed. This is the so-
called buck-boost region. With heavy load due to
voltage drop on switches the actual input range
for this region may be a little wide.
Boost Region (Vin < Vout)
When the input voltage is significantly lower than
output voltage, the converter operates in boost
mode. The control signal VC-Buck is always higher
than compensation ramp even with the offset
voltage always added, thus switch A turns on
continuously
and
switch
B
remains
off.
Meanwhile, VC-Boost compares compensation
ramp normally and generates PWM signal,
therefore, switches C and D are pulse-width-
modulated to produce the required duty cycle to
support the output regulation voltage.
PSM
When Mode Pin is pulled down below the low
level threshold, the MP2155 will automatically
enter PSM if load is light. When working in PSM,
a train of SW pulses are initiated by a Boost
operation, and ended with BD operation. During
this process, SWD will be turned off if inductor
current is below about 100mA. In actual



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com