Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2155 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2155
Description  High Efficiency Single Inductor Buck-Boost Converter with 2.2A Switches
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2155 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2155 Datasheet HTML 1Page - Monolithic Power Systems MP2155 Datasheet HTML 2Page - Monolithic Power Systems MP2155 Datasheet HTML 3Page - Monolithic Power Systems MP2155 Datasheet HTML 4Page - Monolithic Power Systems MP2155 Datasheet HTML 5Page - Monolithic Power Systems MP2155 Datasheet HTML 6Page - Monolithic Power Systems MP2155 Datasheet HTML 7Page - Monolithic Power Systems MP2155 Datasheet HTML 8Page - Monolithic Power Systems MP2155 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
MP2155 –HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2.2A SWITCHES
MP2155 Rev. 1.0
www.MonolithicPower.com
3
1/26/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = VCC=VEN=3.3V, TJ = 25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
VCC rising
1.8
1.9
V
Under voltage lockout threshold
VUVLO
VCC falling
1.60
V
Feedback voltage
VFB
486
496
506
mV
Oscillator frequency
900
1000
1300
kHz
Frequency
range
for
synchronization
FREQ
1000
2000
kHz
Primary current limit
1.8
2.2
A
Secondary current limit
Isw
1.8
A
NMOS switch on resistance
RDS(ON)-N
105
mΩ
PMOS switch on resistance
RDS(ON)-P
120
mΩ
Quiescent current
IQ
VFB=0.65V
80
μA
Shutdown current
IS
VEN=0V
1
μA
MODE input low voltage
0.4
V
MODE input high voltage
1.2
V
EN input low voltage
0.4
V
EN input high voltage
1.2
V
VEN=3.3V
3.1
μA
EN input current
IEN
VEN=0V
0
μA
Thermal shutdown
(5)
TSHDN
160
℃
Thermal shutdown hysteresis
(5)
THYS
20
℃
Notes:
5) Guaranteed by engineering sample Characterization, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com