Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2155 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2155
Description  High Efficiency Single Inductor Buck-Boost Converter with 2.2A Switches
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2155 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2155 Datasheet HTML 8Page - Monolithic Power Systems MP2155 Datasheet HTML 9Page - Monolithic Power Systems MP2155 Datasheet HTML 10Page - Monolithic Power Systems MP2155 Datasheet HTML 11Page - Monolithic Power Systems MP2155 Datasheet HTML 12Page - Monolithic Power Systems MP2155 Datasheet HTML 13Page - Monolithic Power Systems MP2155 Datasheet HTML 14Page - Monolithic Power Systems MP2155 Datasheet HTML 15Page - Monolithic Power Systems MP2155 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
MP2155 –HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2.2A SWITCHES
MP2155 Rev. 1.0
www.MonolithicPower.com
12
1/26/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
Level
shift
Vc- Boost
Buck
- Boost
Control logic
Buck
Comparator
Current
sense
Boost
Comparator
EA
FB
Vc- Buck
SWA
SWB
SWC
VOUT
SW1
SW 2
Gate
drivers
Current
sense
Reverse
Comparator
Voltage
Reference
EN
VIN
PGND
PSM
Control
MODE
/SYNC
Slope
Generator
Oscillator
VCC
AGND
SW
D
INPUT
OUTPUT
Cin
Cout
L
SS Cap
Figure 1— Function Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com