Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2155 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP2155
Description  High Efficiency Single Inductor Buck-Boost Converter with 2.2A Switches
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2155 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP2155 Datasheet HTML 7Page - Monolithic Power Systems MP2155 Datasheet HTML 8Page - Monolithic Power Systems MP2155 Datasheet HTML 9Page - Monolithic Power Systems MP2155 Datasheet HTML 10Page - Monolithic Power Systems MP2155 Datasheet HTML 11Page - Monolithic Power Systems MP2155 Datasheet HTML 12Page - Monolithic Power Systems MP2155 Datasheet HTML 13Page - Monolithic Power Systems MP2155 Datasheet HTML 14Page - Monolithic Power Systems MP2155 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
MP2155 –HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2.2A SWITCHES
MP2155 Rev. 1.0
www.MonolithicPower.com
11
1/26/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
VOUT
Buck-Boost converter output.
2
SW2
Switch pin-Internal switches are connected to this pin. Connect inductor between SW1 and
SW2.
3
PGND
Power ground.
4
SW1
Switch pin-Internal switches are connected to this pin. Connect inductor between SW1 and
SW2.
5
VIN
Supply voltage for power stage.
6
EN
ON/OFF control, it’s not recommended to leave this pin float.
7
MODE/
SYNC
Operation mode selection. If MODE pin is low, the MP2155 automatically switches between
PSM and fixed frequency PWM according to the load level. If MODE pin is pulled high, the
MP2155 works always in PWM mode.
External clock can be applied to MODE pin for changing switching frequency.
This pin is sensitive to noise, so it should be strongly pulled up above 1.2V or pulled down
below 0.4V. Must NOT leave it float.
8
VCC
Supply voltage for control stage.
9
AGND
Signal ground, should be connected to PGND externally.
10
FB
Feedback to set output voltage. Keeps this pin and associated trace far from noise source
like SW.
-
EP
Thermal pad, which is recommended to connected to PGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com