Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2155 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP2155
Description  High Efficiency Single Inductor Buck-Boost Converter with 2.2A Switches
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2155 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP2155 Datasheet HTML 10Page - Monolithic Power Systems MP2155 Datasheet HTML 11Page - Monolithic Power Systems MP2155 Datasheet HTML 12Page - Monolithic Power Systems MP2155 Datasheet HTML 13Page - Monolithic Power Systems MP2155 Datasheet HTML 14Page - Monolithic Power Systems MP2155 Datasheet HTML 15Page - Monolithic Power Systems MP2155 Datasheet HTML 16Page - Monolithic Power Systems MP2155 Datasheet HTML 17Page - Monolithic Power Systems MP2155 Datasheet HTML 18Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
MP2155 –HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2.2A SWITCHES
MP2155 Rev. 1.0
www.MonolithicPower.com
14
1/26/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
waveforms the current may be much lower than
this value when SWD is turned off because of
internal delay.
SCP/OCP vs. two current limits
There are two current limits in MP2155. The
primary one is for steady PWM operation and it’s
typically from 2A to 3A, depending on Vin; The
secondary one is for limiting inrush current at
startup, it’s typically 1.6A to 1.9A, depending on
Vin, too. When load is over heavy, the primary
limit would protect MP2155 from being over
thermal. Therefore Vout would drop due to OCP.
If Vout drops below 0.6 times normal output, a
hiccup period is initiated to protect MP2155. this
is the SCP. In hiccup period, SWA and SWC are
turned off while SWB and SWD are turned on.
After the hiccup period ends, a soft re-startup
begins. Because Vout is below 1V (due to over
load or output short), the secondary current takes
charge of this process. After Vo rises above 1V,
primary current limit get in charge of. Now if load
is still over heavy (or output short still exists)
such that after SS ends Vout is still below
0.6*VOUT_NORMAL and current hits one of the limits,
another hiccup period begins. However if the
load recovers to normal value during re-startup
so that current doesn’t hit its limit, or, Vout
already rises above 0.6*VOUT_NORMAL, the re-
startup succeeds, and MP2155 enter normal
operation.
As to the input/EN startup, the cases are same
as the SCP recovery process.
Enable
The MP2155 has a dedicated enable control pin
(EN). The device operates when it is set high. If it
is set low the device stops switching, all the
internal blocks are turned off. Tie EN to Vin
through a resistor for automatic start up. Due to
EN bias or leakage current, the value of this
resistor should be set to provide EN pin with a
current above 10uA. Any signal to drive this pin
should be limited to 100uA if the maximum
voltage of this signal is above 6.5V.
Internal Soft-start
When EN pin is pulled high, and at the same time
the voltage on Vcc pin is above its UVLO rising
threshold MP2155 will start up with Soft-start
function to eliminate output overshoot. Soft-start
also functions during SCP recovery.
Under-Voltage Lockout
The under voltage lockout (UVLO) is implement
to protect the device from improper operating at
insufficient supply voltage. When the supply
voltage at VCC is below the UVLO threshold the
device is in shutdown mode. The UVLO rising
threshold is about 1.8V with 200mV hysteresis.
Over-Temperature Protection
An internal temperature sensor continuously
monitors the IC junction temperature. If the IC
temperature exceeds 160ºC typically the device
stops operating. As soon as the temperature falls
below 140 ºC typically normal operation is
restored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com