Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2155 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2155
Description  High Efficiency Single Inductor Buck-Boost Converter with 2.2A Switches
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2155 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2155 Datasheet HTML 1Page - Monolithic Power Systems MP2155 Datasheet HTML 2Page - Monolithic Power Systems MP2155 Datasheet HTML 3Page - Monolithic Power Systems MP2155 Datasheet HTML 4Page - Monolithic Power Systems MP2155 Datasheet HTML 5Page - Monolithic Power Systems MP2155 Datasheet HTML 6Page - Monolithic Power Systems MP2155 Datasheet HTML 7Page - Monolithic Power Systems MP2155 Datasheet HTML 8Page - Monolithic Power Systems MP2155 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MP2155
High Efficiency
Single Inductor Buck-Boost Converter
with 2.2A Switches
MP2155 Rev. 1.0
www.MonolithicPower.com
1
1/26/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2155 is a highly efficient, low quiescent
current Buck-Boost converter, which operates
from input voltage above, below and equal to
the output voltage. The device provides power
solution for products powered by a one-cell
Lithium-Ion
or
multi-cell
alkaline
battery
applications where the output voltage is within
battery voltage range.
The MP2155 uses a current mode, fixed
frequency PWM control for optimal stability and
transient response. The fixed 1MHz switching
frequency and integrated low RDS(ON) N-channel
and P-channel MOSFETs minimize the solution
footprint while maintaining high efficiency.
To ensure the longest battery life MP2155 has
an optional pulse skipping mode that reduces
switching frequency under light load conditions.
For other low noise applications where variable
frequency power save mode may cause
interference, the logic control input MODE pin
forces fixed frequency PWM operation under all
load conditions.
The MP2155 operates with input voltage from
2V to 5.5V to provide adjustable output voltage
(1.5V to 5V). With an input from 2.7V to 5.5V it
can supply a maximum 1A current to load at
3.3V output voltage. The MP2155 is available in
small QFN10-3x3mm package.
FEATURES
• High Efficiency up to 95%.
• Load Disconnect During Shutdown
• Input Voltage Range: 2V to 5.5V
• Adjustable Output Voltage from 1.5V to 5V
• 3.3V/1A Load Capability from 2.7V-to-5.5V
Vin
• 1MHz Switching Frequency
• Pulse Skipping Mode at Light Load
• Typical 80μA Quiescent Current
• Internal Loop Compensation for Fast
Response
• Internal Soft Start
• OTP, Hiccup SCP
• Available in Small 3x3mm QFN10 Package
APPLICATIONS
• Battery-Powered Products
• Portable Instruments
• Tablet PCs
• POS Systems
• GSM/GPRS
• System Controls
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks
of Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP2155

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2155GQ MPS-MP2155GQ Datasheet
599Kb / 8P
High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
More results

Similar Description - MP2155

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63030 TI-TPS63030 Datasheet
1Mb / 23P
HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63020 TI-TPS63020 Datasheet
1Mb / 22P
HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 4-A SWITCHES
TPS63030 TI-TPS63030_09 Datasheet
1Mb / 23P
HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63020 TI-TPS63020_1 Datasheet
1Mb / 24P
HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 4-A SWITCHES
TPS63030 TI1-TPS63030_12 Datasheet
1Mb / 25P
HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63020 TI-TPS63020_15 Datasheet
1Mb / 29P
TPS6302x High Efficiency Single Inductor Buck-Boost Converter With 4-A Switches
TPS63030 TI-TPS63030_15 Datasheet
1Mb / 26P
TPS6303x High Efficiency Single Inductor Buck-Boost Converter With 1-A Switches
logo
Richtek Technology Corp...
RT6154A RICHTEK-RT6154A Datasheet
169Kb / 15P
High Efficiency Single Inductor Buck-Boost Converter
logo
Monolithic Power System...
MP28163 MPS-MP28163 Datasheet
1Mb / 18P
High Efficiency Single Inductor Buck-Boost Converter with 2.9A Switches
MP28164 MPS-MP28164 Datasheet
1Mb / 20P
High-Efficiency, Single-Inductor, Buck-Boost Converter with 4.2A Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com