Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4050 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP4050
Description  Non-Isolated, High Brightness, LED Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4050 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP4050 Datasheet HTML 13Page - Monolithic Power Systems MP4050 Datasheet HTML 14Page - Monolithic Power Systems MP4050 Datasheet HTML 15Page - Monolithic Power Systems MP4050 Datasheet HTML 16Page - Monolithic Power Systems MP4050 Datasheet HTML 17Page - Monolithic Power Systems MP4050 Datasheet HTML 18Page - Monolithic Power Systems MP4050 Datasheet HTML 19Page - Monolithic Power Systems MP4050 Datasheet HTML 20Page - Monolithic Power Systems MP4050 Datasheet HTML 21Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
MP4050 – NON-ISOLATED, HIGH BRIGHTNESS, LED DRIVER
MP4050 Rev.1.02
www.MonolithicPower.com
17
1/18/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
Figure 13 shows a typical application example of a 40V, 115mA non-isolated buck topology power
supply using MP4050.
N
10Ω/1W
FR1
L
WUGC10JH
600V/1A
D1
47uF/50V
C4
1mH
L1
4.7uF/400 V
C3
4.7uF/400 V
C2
40V/115mA
3.3Ω/1%/1206
R3
10K
R5
2.2uF/10V
C1
LED+
LED -
3.3Ω/1%/1206
R4
VCC
1
PRO
2
GND
3
SOURCE
4
DRAIN
5
U1
MP4050
MB6S
600V/0.5A
BD 1
9.31K/1%/0603
R1
200 K/1%/1206
R2
4.7mH
L2
200K
R6
85VAC~265VAC
100pF /50V
R5
Figure 13: Typical Buck Converter Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com