Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4050 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP4050
Description  Non-Isolated, High Brightness, LED Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4050 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP4050 Datasheet HTML 1Page - Monolithic Power Systems MP4050 Datasheet HTML 2Page - Monolithic Power Systems MP4050 Datasheet HTML 3Page - Monolithic Power Systems MP4050 Datasheet HTML 4Page - Monolithic Power Systems MP4050 Datasheet HTML 5Page - Monolithic Power Systems MP4050 Datasheet HTML 6Page - Monolithic Power Systems MP4050 Datasheet HTML 7Page - Monolithic Power Systems MP4050 Datasheet HTML 8Page - Monolithic Power Systems MP4050 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
MP4050 – NON-ISOLATED, HIGH BRIGHTNESS, LED DRIVER
MP4050 Rev.1.02
www.MonolithicPower.com
3
1/18/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VCC = 4.7V, TA = 25C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Start-up Current Source (Drain Pin)
Internal regulator supply current
IRegulator
VCC=4.5V;VDrain=100V
4.5
5
6
mA
Leakage Current from Pin Drain
ILeak
VCC=6V;Vdarin=400V
14
20
μA
Supply Voltage Management (VCC Pin)
VCC Increasing Level at which the
internal regulator stops
VCCOFF
4.05
4.25
4.45
V
VCC Decreasing Level at which the
internal regulator Turns-On
VCCON
3.85
4.05
4.25
V
VCC Hysteresis between regulator
ON/OFF
VCCOFF-ON
0.14
0.20
0.26
V
VCC Decreasing level at which the
IC stops working
VCCSTOP
3.17
3.27
3.37
V
VCC Hysteresis between regulator
OFF to VCC stop
VCCOFF-
STOP
1.23
1.38
1.52
V
VCC Decreasing Level at which the
protection Phase Ends
VCCPRO
2.10
2.35
2.60
V
Internal IC Consumption
ICC
VCC=4.3V, Fs=33kHz,
D=84%
350
400
uA
Internal IC Consumption, Latch off
Phase
ICCLATCH
VCC=5V
18
21
μA
Internal MOSFET (Drain Pin)
Break Down Voltage
VBRDSS
500
V
On-State resistance
RON
ID=10mA, Tj=25℃
7.2
10
Ω
Current Sampling Management (Source Pin)
Peak Current Limit
VLimit
0.42
0.45
0.49
V
Leading edge blanking
TLEB
200
ns
Feedback Threshold to turn on the
primary MOSFET
VFB
0.188
0.194
0.200
V
Minimum OFF time limitation
TOFF_MIN
3.5
4.7
5.9
μs
Maximum ON time limitation
TON_MAX
18
25
33
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com