Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4050 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP4050
Description  Non-Isolated, High Brightness, LED Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4050 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP4050 Datasheet HTML 1Page - Monolithic Power Systems MP4050 Datasheet HTML 2Page - Monolithic Power Systems MP4050 Datasheet HTML 3Page - Monolithic Power Systems MP4050 Datasheet HTML 4Page - Monolithic Power Systems MP4050 Datasheet HTML 5Page - Monolithic Power Systems MP4050 Datasheet HTML 6Page - Monolithic Power Systems MP4050 Datasheet HTML 7Page - Monolithic Power Systems MP4050 Datasheet HTML 8Page - Monolithic Power Systems MP4050 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
MP4050
Non-Isolated, High Brightness,
LED Driver
MP4050 Rev.1.02
www.MonolithicPower.com
1
1/18/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP4050 is a constant current LED driver
integrated with an internal 500V MOSFET. It is
specifically designed for energy efficient and
low cost LED bulk replacement applications.
MP4050 is designed to drive high-brightness
LEDs from an 85VAC to 265VAC line. It is also
useable under DC input voltage. The accurate
output LED current is achieved by an averaging
internal current feedback loop. Constant LED
current is delivered quietly by switching the
internal MOSFET at a frequency regulated
above 22kHz.
MP4050 can be directly powered by the high
input voltage. An internal high voltage current
source
regulates
supply
voltage
without
external circuitry. MP4050 features various
protections like Thermal Shutdown (TSD), VCC
Under Voltage Lockout (UVLO), Open Lamp
Protection and Short Lamp Protection. All of
there features make MP4050 an ideal solution
for simple, off-line and non-isolated LED
applications.
MP4050 is available in the TSOT23-5 and
SOIC8 packages.
FEATURES
 Constant Current LED Driver
 500V/7.2Ω MOSFET integrated
 Low Vcc Operating Current
 Maximum frequency limit
 Audible noise restrain
 Internal High Voltage Current Source
 Internal 200ns Leading Edge Blanking
 Thermal Shutdown (auto restart with
Hysteresis)
 VCC Under Voltage Lockout with Hysteresis
(UVLO)
 Open Lamp Protection
 Short Lamp Protection
APPLICATIONS
 AC/DC or DC/DC LED driver application
 General Illumination
 Industrial Lighting
 Automotive/Decorative LED Lighting
All MPS parts are lead-free, halogen free, and adhere to the RoHS
directive. For MPS green status, please visit MPS website under Quality
Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered
Trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP4050

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4050A MPS-MP4050A Datasheet
557Kb / 21P
Non-Isolated, High-Brightness LED Driver with Enhanced Thermal Feature
MP4050AGJ MPS-MP4050AGJ Datasheet
557Kb / 21P
Non-Isolated, High-Brightness LED Driver with Enhanced Thermal Feature
MP4050AGS MPS-MP4050AGS Datasheet
557Kb / 21P
Non-Isolated, High-Brightness LED Driver with Enhanced Thermal Feature
MP4050AGS MPS-MP4050AGS Datasheet
447Kb / 10P
Universal Input, 40V/115mA Off-line Non-isolated LED Driver Evaluation Board
More results

Similar Description - MP4050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS9441 ETC2-WS9441 Datasheet
404Kb / 9P
Non-isolated BuckOffline LED Driver
WS9445P ETC2-WS9445P Datasheet
843Kb / 9P
Non-isolated BuckOffline LED Driver
logo
Shenzhen Winsemi Microe...
WS9441P WINSEMI-WS9441P Datasheet
825Kb / 9P
Non-isolated BuckOffline LED Driver
WS9441 WINSEMI-WS9441 Datasheet
404Kb / 9P
Non-isolated BuckOffline LED Driver
logo
Monolithic Power System...
MP4050A MPS-MP4050A Datasheet
557Kb / 21P
Non-Isolated, High-Brightness LED Driver with Enhanced Thermal Feature
logo
Shenzhen SI Semiconduct...
SIC9521 SISEMIC-SIC9521 Datasheet
386Kb / 7P
High Precision Non-Isolated BUCK LED Driver
SIC9552A SISEMIC-SIC9552A Datasheet
583Kb / 9P
High Precision Non-Isolated Buck LED Driver
logo
Princeton Technology Co...
RS2320 PTC-RS2320 Datasheet
357Kb / 4P
High Accurate Non-Isolated Buck LED Driver
RS2321 PTC-RS2321 Datasheet
348Kb / 4P
High PF Non-Isolated LED Driver
RS2321A PTC-RS2321A Datasheet
341Kb / 4P
High PF Non-Isolated LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com