Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4050 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP4050
Description  Non-Isolated, High Brightness, LED Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4050 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP4050 Datasheet HTML 9Page - Monolithic Power Systems MP4050 Datasheet HTML 10Page - Monolithic Power Systems MP4050 Datasheet HTML 11Page - Monolithic Power Systems MP4050 Datasheet HTML 12Page - Monolithic Power Systems MP4050 Datasheet HTML 13Page - Monolithic Power Systems MP4050 Datasheet HTML 14Page - Monolithic Power Systems MP4050 Datasheet HTML 15Page - Monolithic Power Systems MP4050 Datasheet HTML 16Page - Monolithic Power Systems MP4050 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
MP4050 – NON-ISOLATED, HIGH BRIGHTNESS, LED DRIVER
MP4050 Rev.1.02
www.MonolithicPower.com
13
1/18/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
APPLICATION INFORMATION
Component Selection
Input Capacitor
The input capacitor is used to supply the DC
input voltage for the converter. Figure 6 shows
the typical DC bus voltage waveform of full
bridge rectifier.
Vin
t
DC input voltage
VDC(max)
AC input voltage
VDC(min)
0
VAC
Figure 6: Input voltage waveform
When the full-bridge rectifier is used, the input
capacitor is usually set as 2μF/W for the
universal input condition. And when small
power output, the half-bridge rectifier could also
be used with a bigger capacitor.
Very low DC input voltage could cause thermal
problem in LED application in Buck topology
application. The minimum DC voltage is limited
by the maximum duty cycle of MP4050 as
following expression:
OON _ MAX
OFF _ MIN
DC(min)
ON _ MAX
V(t
t
)
V
t

Inductor
MP4050 has a minimum off time limit and
maximum on time limit. Both time limits affect
the inductance value. The maximum inductance
value and minimum inductance value can be
obtained as follows:
DC(min)
O
ON _ MAX
mMAX
Peak
(V
V ) t
LL
I


OOFF _ MIN
mMIN
Peak
Vt
LL
I

If the inductance value is too large, the
converter enters CCM when the frequency
reaches the minimum operating frequency. In
such case, the reverse recovery of freewheeling
diode results more power loss. Normally, it’s
better to make the converter operate in DCM.
The following expression shows the limit of the
minimum operating frequency.
O
m
2
SMIN
Peak
DC(min)
O
O
2I
L
11
f(
) I
VV
V

Freewheeling Diode
The diode should have a maximum reverse
voltage rating which is greater than the
maximum input voltage. The current rating of
diode is determined by the output current which
should be larger than 1.5~2 times output
current.
Slow diodes cause excessive leading edge
current spikes during start-up which is not
acceptable. Long reverse recovery time of
freewheeling diode can also affect the efficiency
and the circuit operation. So ultrafast diode
(Trr<75ns) such as WUGC10JH or EGC10GH
are recommended.
Output Capacitor
The output capacitor is required to filter the
inductance current and maintain the DC output
voltage.
The output current ripple is reduced by using a
bigger output capacitor. A low ESR capacitor is
necessary in low temperature application.
If the output voltage ripple is limited, the
ceramic, tantalum or low ESR electrolytic
capacitors are recommends to use. The output
voltage ripple can be estimated by:
CCM_Ripple
ESR
SO
i
Vi R
8f C
  
CCM
2
OPeak
O
DCM_Ripple
Peak
ESR
SO
Peak
II
I
V(
)
I
R
fC
I

DCM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com