Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4050 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP4050
Description  Non-Isolated, High Brightness, LED Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4050 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP4050 Datasheet HTML 7Page - Monolithic Power Systems MP4050 Datasheet HTML 8Page - Monolithic Power Systems MP4050 Datasheet HTML 9Page - Monolithic Power Systems MP4050 Datasheet HTML 10Page - Monolithic Power Systems MP4050 Datasheet HTML 11Page - Monolithic Power Systems MP4050 Datasheet HTML 12Page - Monolithic Power Systems MP4050 Datasheet HTML 13Page - Monolithic Power Systems MP4050 Datasheet HTML 14Page - Monolithic Power Systems MP4050 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
MP4050 – NON-ISOLATED, HIGH BRIGHTNESS, LED DRIVER
MP4050 Rev.1.02
www.MonolithicPower.com
11
1/18/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
OPERATION
MP4050 is a non-isolated, cost-effective, high
efficiency converter designed to drive high-
brightness light emitting diodes (LEDs) from an
85Vac to 265 Vac line, or a DC input. As shown
in the typical application diagram, the regulator
is designed to operate with a minimum number
of external components. It incorporates the
following features:
Start-up and Under Voltage Lock-out (UVLO)
The IC is self supplied by the internal high
voltage regulator which is drawn from the Drain
pin. The IC starts switching and the internal
high voltage regulator turns off as soon as the
voltage on pin VCC reaches VCCOFF. When the
voltage on Pin VCC decreases below VCCON,
the internal high voltage regulator turns on
again to charge the external VCC capacitor. A
small capacitor such as several μF capacitor is
enough to hold on the voltage of VCC and a
smaller capacitor also reduce component cost.
When the voltage on Pin VCC drops blow
VCCSTOP, the IC stops working, the internal high
voltage regulator recharges the Vcc capacitor.
When fault conditions happen, such as Short
Lamp Protection, Open Lamp Protection and
Over Temperature Protection (OTP), MP4050
stops working and a 18uA internal current source
discharges the Vcc capacitor. After the VCC drops
below VCCPRO, the internal high voltage regulator
recharges the VCC capacitor again. The restart
time can be calculated by the following equation,
restart
Vcc
Vcc
Vcc 2.37V
4.65V 2.37V
tC
C
18 A
5mA


Figure 2 shows the typical waveform with VCC
under voltage lock out.
VCCOFF
VCCON
VCC
Internal
Voltage
Regulator
Driving
Signal
ON
OFF
VCCSTOP
Figure 2: VCC Under-Voltage Lock Out
(UVLO)
Constant Current Operation
MP4050 is a fully integrated regulator, the
internal feedback logic responds to the internal
sample and hold circuit to achieve constant
output current regulation. The voltage of the
internal sampling capacitor (VFB) is compared to
the internal reference 0.194V, when the
sampling capacitor voltage (VFB) falls below the
reference voltage, which indicates insufficient
output current, the integrated MOSFET is
turned ON. The ON period is determined by the
peak current limit. After the ON period elapses,
the integrated MOSFET is turned OFF. The
detail operation is shown as Figure 3.
MOS
Diode
IL
IPeak
IO
VO
VFB
0.194V
Figure 3: VFB vs IOUT
Thus by monitoring the internal sampling
capacitor voltage, the output current can be
regulated and the output current is determined
by the following equation:
O
0.194V
I
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com