Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4050 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP4050
Description  Non-Isolated, High Brightness, LED Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4050 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP4050 Datasheet HTML 1Page - Monolithic Power Systems MP4050 Datasheet HTML 2Page - Monolithic Power Systems MP4050 Datasheet HTML 3Page - Monolithic Power Systems MP4050 Datasheet HTML 4Page - Monolithic Power Systems MP4050 Datasheet HTML 5Page - Monolithic Power Systems MP4050 Datasheet HTML 6Page - Monolithic Power Systems MP4050 Datasheet HTML 7Page - Monolithic Power Systems MP4050 Datasheet HTML 8Page - Monolithic Power Systems MP4050 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
MP4050 – NON-ISOLATED, HIGH BRIGHTNESS, LED DRIVER
MP4050 Rev.1.02
www.MonolithicPower.com
4
1/18/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VCC = 4.7V, TA = 25C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Protection input (PRO Pin)
Threshold to trigger the OVP
VOVP
1.9
2.0
2.1
V
Time Constraint on the OVP
Comparator
TOVP
21
28
μs
Threshold to trigger the UVP
VUVP
0.35
0.39
0.43
V
Thermal Shutdown
Thermal shutdown threshold
150
ºC
Thermal shutdown recovery
hysteresis
60
ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com