Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4050 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP4050
Description  Non-Isolated, High Brightness, LED Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4050 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP4050 Datasheet HTML 3Page - Monolithic Power Systems MP4050 Datasheet HTML 4Page - Monolithic Power Systems MP4050 Datasheet HTML 5Page - Monolithic Power Systems MP4050 Datasheet HTML 6Page - Monolithic Power Systems MP4050 Datasheet HTML 7Page - Monolithic Power Systems MP4050 Datasheet HTML 8Page - Monolithic Power Systems MP4050 Datasheet HTML 9Page - Monolithic Power Systems MP4050 Datasheet HTML 10Page - Monolithic Power Systems MP4050 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
MP4050 – NON-ISOLATED, HIGH BRIGHTNESS, LED DRIVER
MP4050 Rev.1.02
www.MonolithicPower.com
7
1/18/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
Performance waveforms are tested on the evaluation board of the Design Example section.
VIN = 230Vac, VOUT = 40V, IOUT=115mA, L = 4.7mH, COUT=47uF, TA = 25°C, unless otherwise noted.
Input Power Shutdown
SCP Entry
OVP Entry
SCP Recovery
Output Current Ripple
OVP Recovery
VDS
100V/div.
IL
100mA/div.
VDS
100V/div.
IL
100mA/div.
VOUT
10V/div.
IL
100mA/div.
VDS
10V/div.
IL
100mA/div.
VOUT
10V/div.
IL
100mA/div.
VOUT
10V/div.
IL
100mA/div.
Steady State
VBULK
100V/div.
VOUT
10V/div.
IOUT
50mA/div.
IOUT
20mA/div.
VDS
100V/div.
IL
100mA/div.
Turn On Delay
Input Power Startup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com