Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5604ACPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5604ACPZ-R7
Description  RF Driver Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5604ACPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADL5604ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Data Sheet
ADL5604
Rev. C | Page 3 of 23
SPECIFICATIONS
VCC11 = 5 V and TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
OVERALL FUNCTION
Frequency Range
700
2700
MHz
FREQUENCY = 748 MHz
Gain2
15.3
dB
vs. Frequency
±20 MHz
0.38
dB
Output 1 dB Compression Point
29.1
dBm
Output Third-Order Intercept
∆f = 1 MHz, POUT = 14 dBm per tone
42.8
dBm
Noise Figure
8.5
dB
FREQUENCY = 881 MHz
Gain2
20.3
dB
vs. Frequency
±13 MHz
0.35
dB
Output 1 dB Compression Point
28.8
dBm
Output Third-Order Intercept
∆f = 1 MHz, POUT = 14 dBm per tone
42.2
dBm
Noise Figure
4.5
dB
FREQUENCY = 942 MHz
Gain2
19.8
20.5
21.3
dB
vs. Frequency
±18 MHz
±0.1
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.6
dB
vs. Supply
4.75 V to 5.25 V
±0.03
dB
Output 1 dB Compression Point
28.3
dBm
ACP
POUT =15 dBm, 3GPP 3.5 TM1-64, frequency = 946 MHz
−56
dBm
Output Third-Order Intercept
∆f = 1 MHz, POUT = 14 dBm per tone
41.2
dBm
Noise Figure
3.8
dB
FREQUENCY = 1960 MHz
Gain2
13.7
14.4
15.2
dB
vs. Frequency
±30 MHz
±0.2
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.7
dB
vs. Supply
4.75 V to 5.25 V
±0.02
dB
Output 1 dB Compression Point
28.8
dBm
ACP
POUT =15 dBm, 3GPP 3.5 TM1-64, frequency = 1966 MHz
−57
dBm
Output Third-Order Intercept
∆f = 1 MHz, POUT = 14 dBm per tone
42.1
dBm
Noise Figure
3.6
dB
FREQUENCY = 2140 MHz
Gain2
13.2
14.0
14.9
dB
vs. Frequency
±30 MHz
±0.1
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.6
dB
vs. Supply
4.75 V to 5.25 V
±0.03
dB
Output 1 dB Compression Point
28.6
dBm
ACP
POUT =15 dBm, 3GPP 3.5 TM1-64
−60
dBm
Output Third-Order Intercept
∆f = 1 MHz, POUT = 14 dBm per tone
42.1
dBm
Noise Figure
3.8
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com