Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5604ACPZ-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # ADL5604ACPZ-R7
Description  RF Driver Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5604ACPZ-R7 Datasheet(HTML) 2 Page - Analog Devices

  ADL5604ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
ADL5604
Data Sheet
Rev. C | Page 2 of 23
TABLE OF CONTENTS
Features .............................................................................................. 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Typical Scattering Parameters..................................................... 5
Absolute Maximum Ratings............................................................ 7
ESD Caution.................................................................................. 7
Pin Configuration and Function Descriptions............................. 8
Typical Performance Characteristics ............................................. 9
Applications Information .............................................................. 15
Basic Layout Connections......................................................... 15
ADL5604 Match ......................................................................... 16
ACPR and EVM ......................................................................... 19
Thermal Considerations............................................................ 19
Soldering Information and Recommended PCB Land
Pattern.......................................................................................... 19
Evaluation Board ............................................................................ 20
Outline Dimensions ....................................................................... 23
Ordering Guide .......................................................................... 23
REVISION HISTORY
8/2017—Rev. B to Rev. C
Changed CP-16-4 to CP-16-23 .................................... Throughout
Updated Outline Dimensions ....................................................... 23
Changes to Ordering Guide .......................................................... 23
9/2013—Rev. A to Rev. B
Added Figure 33; Renumbered Sequentially .............................. 13
Updated Outline Dimensions ....................................................... 23
2/2011—Rev. 0 to Rev. A
Changes to Figure 29, Figure 30, Figure 31................................. 13
Changed L2 Value at 880 MHz to 2.4 nH, Table 6 ..................... 16
Changes to Figure 41...................................................................... 18
Changes to ACPR and EVM Section ........................................... 19
4/2010—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com