Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5604ACPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADL5604ACPZ-R7
Description  RF Driver Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5604ACPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADL5604ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
ADL5604
Data Sheet
Rev. C | Page 18 of 23
RFOUT
12
11
10
9
RFIN
16
1
2
13
14
15
GNDGND
GNDGND
RFIN
RFOUT
RFOUT
RFOUT
RFOUT
RFIN
C5
2.4pF
C4
2.7pF
C2
22pF
L1
16nH
C3
1.3pF
λ1
λ4
λ2
λ3
ADL5604
C1
0
Ω
Figure 41. ADL5604 Match Parameters, 2140 MHz
RFOUT
12
11
10
9
RFIN
16
1
2
13
14
15
GND
GND
GND
GND
RFIN
RFOUT
RFOUT
RFOUT
RFOUT
RFIN
C5
1.8pF
C4
2.2pF
C2
22pF
L1
16nH
C1
22pF
L2
4.3nH
λ1
λ4
λ3
λ2
ADL5604
Figure 42. ADL5604 Match Parameters, 2630 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com