Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5604ACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL5604ACPZ-R7
Description  RF Driver Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5604ACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADL5604ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Data Sheet
ADL5604
Rev. C | Page 5 of 23
TYPICAL SCATTERING PARAMETERS
VCC11 = 5 V and TA = 25°C; the effects of the test fixture have been de-embedded up to the pins of the device.
Table 2.
Frequency
(MHz)
S11
S21
S12
S22
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
50
−0.74
−177.7
21.45
134.7
−39.97
10.6
−2.71
−153.2
100
−0.67
−179.4
19.30
134.8
−39.81
6.4
−2.34
−163.2
150
−0.63
179.6
18.18
129.6
−39.69
4.9
−1.93
−167.2
200
−0.59
178.7
17.10
123.5
−39.55
4.0
−1.61
−170.3
250
−0.56
177.9
16.08
117.8
−39.47
3.2
−1.39
−172.9
300
−0.54
177.0
15.12
112.6
−39.53
2.8
−1.26
−175.3
350
−0.53
176.2
14.18
108.2
−39.29
3.4
−1.19
−177.3
400
−0.52
175.4
13.30
104.5
−39.05
1.6
−1.14
−179.0
450
−0.50
174.7
12.51
101.2
−39.02
−1.6
−1.11
179.5
500
−0.50
173.9
11.77
98.3
−39.24
0.3
−1.09
178.0
550
−0.49
173.1
11.09
95.6
−39.27
0.3
−1.10
176.6
600
−0.49
172.4
10.46
93.2
−38.98
0.5
−1.12
175.4
650
−0.48
171.6
9.89
90.9
−38.95
−0.7
−1.11
174.2
700
−0.49
170.8
9.35
88.7
−38.90
−0.5
−1.13
173.0
750
−0.49
170.0
8.85
86.7
−38.78
−1.0
−1.15
172.0
800
−0.49
169.3
8.39
84.7
−38.65
−1.5
−1.18
171.0
850
−0.50
168.5
7.95
82.8
−38.58
−2.3
−1.21
170.0
900
−0.50
167.8
7.55
81.0
−38.51
−2.8
−1.23
169.1
950
−0.51
167.0
7.16
79.2
−38.44
−3.4
−1.27
168.2
1000
−0.51
166.3
6.81
77.5
−38.34
−4.1
−1.28
167.3
1050
−0.52
165.6
6.47
75.8
−38.26
−4.5
−1.32
166.3
1100
−0.53
164.8
6.15
74.0
−38.20
−5.0
−1.35
165.4
1150
−0.54
164.1
5.85
72.4
−38.14
−5.6
−1.39
164.6
1200
−0.55
163.3
5.57
70.8
−38.00
−6.2
−1.43
163.7
1250
−0.56
162.6
5.29
69.2
−37.97
−7.3
−1.47
162.8
1300
−0.57
161.9
5.05
67.7
−37.87
−7.3
−1.50
162.0
1350
−0.58
161.2
4.80
66.1
−37.87
−8.1
−1.55
161.2
1400
−0.59
160.5
4.60
64.6
−37.69
−8.2
−1.57
160.4
1450
−0.59
159.7
4.40
63.0
−37.55
−9.4
−1.60
159.5
1500
−0.60
158.9
4.21
61.4
−37.45
−10.1
−1.64
158.5
1550
−0.61
158.2
4.03
59.9
−37.33
−10.7
−1.68
157.7
1600
−0.63
157.4
3.86
58.2
−37.20
−11.9
−1.74
156.8
1650
−0.64
156.7
3.70
56.7
−37.15
−12.8
−1.78
156.0
1700
−0.65
155.9
3.55
55.1
−37.09
−13.7
−1.82
155.1
1750
−0.67
155.2
3.41
53.6
−36.97
−14.3
−1.88
154.4
1800
−0.68
154.4
3.29
51.9
−36.86
−15.2
−1.92
153.3
1850
−0.69
153.6
3.17
50.3
−36.75
−16.1
−1.97
152.3
1900
−0.70
152.8
3.06
48.6
−36.65
−17.0
−2.02
151.4
1950
−0.72
152.1
2.96
47.0
−36.54
−18.1
−2.10
150.6
2000
−0.73
151.3
2.86
45.3
−36.42
−19.0
−2.17
149.5
2050
−0.75
150.5
2.77
43.7
−36.30
−20.1
−2.23
148.7
2100
−0.77
149.7
2.70
42.0
−36.19
−21.2
−2.31
147.8
2150
−0.78
148.9
2.62
40.4
−36.08
−22.2
−2.40
146.8
2200
−0.80
148.1
2.57
38.7
−35.95
−23.3
−2.45
145.8
2250
−0.82
147.3
2.52
37.0
−35.83
−24.5
−2.51
144.9
2300
−0.84
146.5
2.48
35.1
−35.70
−25.7
−2.61
143.9
2350
−0.86
145.7
2.44
33.4
−35.58
−26.9
−2.72
142.8
2400
−0.88
144.9
2.40
31.5
−35.46
−28.4
−2.81
141.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com