Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5604ACPZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADL5604ACPZ-R7
Description  RF Driver Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5604ACPZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADL5604ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Data Sheet
ADL5604
Rev. C | Page 21 of 23
Table 7. Evaluation Board Configuration Options, 2140 MHz
Component
Function/Notes
Default Value
C1, C2
Input/output dc blocking capacitors at 2140 MHz. C3 provides dc blocking; therefore, a jumper is
installed in place of C1.
C1 = 0 Ω,
C2 = 22 pF
C3, C4
Input matching capacitors. The input match is set for 2140 MHz but is easily changed for other
frequencies. C3 is set at a specific distance from C4 so that the microstrip line can act as inductance for
part of the match. If space is at a premium, an inductor can take the place of the microstrip line. The
ADL5604 is sensitive to the input match; therefore, the tolerance of these components and their
placement must be tight.
C3 = 1.3 pF HQ,
C4 = 2.7 pF HQ
C5
Output matching capacitor. The output match is set for 2140 MHz but is easily changed for other
frequencies. The tolerance for this capacitor should be tight. C5 is set at a specific distance from the
input; therefore, the microstrip line can act as inductance for part of the match. If space is at a
premium, an inductor can take the place of the microstrip line. There is a short length of low
impedance line on the output that is embedded in the match. The ADL5604 is less sensitive to
the output match than the input match, but the tolerance still must be tight.
C5 = 2.4 pF
L1, L2, R9, R10
The main bias for the ADL5604 comes through L1 to its output. L1 should be high impedance for
the frequency of operation, while providing low resistance for the dc current. The evaluation
board uses a Coilcraft 0603HP-16NX_H inductor. It is a 16 nH inductor, which provides some of
the match at 2140 MHz. As the operating frequency gets lower, the inductance must increase,
but as the inductance increases, the current is more limited for a 0603 package. R9 and R10 can
be removed and L2 added to allow for low frequency operation. L2 has the footprint for a
Coilcraft SLC7530D-101MLB (0.4 μH).
L1 = 16 nH,
L2 = open,
R9 = 0 Ω,
R10 = 0 Ω
C6, C7, C8, C9,
C10, C11, C12,
C14, C15
Power supply decoupling. The need for power supply decoupling capacitance is based on the
noise and potential for noise on the power supply. The smallest capacitor should be the closest
to the ADL5604. The main bias that goes through RFOUT is the most sensitive to noise because
the bias is connected directly to the output.
C6, C9, C11 = 10 nF,
C7, C10, C12, C14,
C15 = 0.1 µF,
C8 = 10 µF
R6, R8
R6 and R8 can be removed to eliminate any parasitic elements of VBIAS and VCC2 if a fast
response time is required.
R6 = 0 Ω,
R8 = 0 Ω
R2, R4, R5
The ADL5604 can be shut down using VBIAS alone or VBIAS and VCC2. The ADL5604 has a
shutdown current of 13 mA when only VBIAS is used. The shutdown current is < 1 μA if VBIAS and
VCC2 are used. However, VCC2 draws 5 mA when biased, setting the current drive capability of
the shutdown controller. R2, R4, and R5 allow custom configuration of the shutdown.
R2, R5 = 0 Ω,
R4 = open
U2, R1, R3
If VCC2 is used to shut down the ADL5604, 5 mA must be sourced when the part is enabled. U2,
R1, and R3 are configured as a buffer to source the 5 mA.
U2 = AD8009,
R1 = 3.01 Ω,
R3 = open
Exposed Paddle
The paddle should be connected to both thermal and electrical ground.
Figure 45. Evaluation Board Layout, Topside
Figure 46. Evaluation Board Layout, Bottom Side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com