Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5604ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADL5604ACPZ-R7
Description  RF Driver Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5604ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL5604ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
ADL5604
Data Sheet
Rev. C | Page 8 of 23
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. THE PADDLE SHOULD BE CONNECTED TO
BOTH THERMAL AND ELECTRICAL GROUND.
RFIN
RFIN
VBIAS
VCC2
RFOUT
RFOUT
RFOUT
RFOUT
12
11
10
1
3
49
2
TOP VIEW
(Not to Scale)
ADL5604
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 2
RFIN
RF Input. Requires a dc blocking capacitor.
5, 6, 7, 8, 13,14, 15, 16
GND
Solder to a low impedance electrical and thermal ground plane.
3
VBIAS
Dual Function Pin. Applying 5 V to this pin enables the bias circuit. Grounding this pin disables the
device. When VBIAS is used alone to disable the ADL5604, the disable current is 13 mA.
4
VCC2
Under normal operation, this pin is connected to the power supply and draws approximately 5 mA
of current. This pin can be grounded with the VBIAS pin to allow a disable current of <1 µA.
9, 10, 11, 12
RFOUT
RF Output and Main Supply Voltage. DC bias is provided to this pin through an inductor that is
connected to the 5 V power supply. The RF path requires a dc blocking capacitor.
EP
The exposed paddle is connected internally to ground. Solder to a low impedance electrical and
thermal ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com