Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5604ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5604ACPZ-R7
Description  RF Driver Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5604ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL5604ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
700 MHz to 2700 MHz
1 W RF Driver Amplifier
Data Sheet
ADL5604
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2010–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Operation from 700 MHz to 2700 MHz
Gain of 12.2 dB at 2630 MHz
OIP3 of 42.2 dBm at 2630 MHz
P1dB of 29.1 dBm at 2630 MHz
Noise figure of 4.6 dB at 2630 MHz
Single 5 V power supply
Low quiescent current of 318 mA
Internal active biasing
Fast power-down/up time of 50 ns
Easily externally matched
Compact 4 mm × 4 mm LFCSP
ESD rating of ±1 kV (Class 1C)
FUNCTIONAL BLOCK DIAGRAM
BIAS
1
RFIN
2
RFIN
3
VBIAS
4
VCC2
11 RFOUT
12 RFOUT
10 RFOUT
9RFOUT
ADL5604
Figure 1.
GENERAL DESCRIPTION
The ADL5604 is a very broadband RF driver amplifier that
operates over the wide frequency range of 700 MHz to 2700 MHz.
The ADL5604 is also highly linear and has a very low power
consumption, enabling the driver to be packaged in a compact
16-lead, 4 mm × 4 mm LFCSP.
For thermal management, the ADL5604 uses an exposed
paddle, and the upper and lower pins of the package are all
grounded, which gives the ADL5604 excellent thermal transfer
characteristics.
The ADL5604 can be quickly powered down or up in 50 ns for
applications requiring TX shutdown, such as TDD systems.
The ADL5604 operates on a single 5 V supply voltage and draws
only 318 mA of supply current.
The driver is fabricated on a GaAs HBT process and operates
from −40°C to +85°C. A fully populated evaluation board is
available.
–80
–75
–70
–65
–60
–55
–50
–45
–40
02468
10
12
14
16
18
20
POUT (dBm)
2140 MHz
1966 MHz
946 MHz
Figure 2. ACPR vs. Output Power, 3GPP 3.5 TM1-64


Similar Part No. - ADL5604ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5604ACPZ-R7 AD-ADL5604ACPZ-R7 Datasheet
612Kb / 24P
700 MHz to 2700 MHz 1 W RF Driver Amplifier
REV. 0
More results

Similar Description - ADL5604ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-009560 MA-COM-MAAM-009560 Datasheet
235Kb / 4P
RF Driver Amplifier
MAAM-009560-V1 MA-COM-MAAM-009560-V1 Datasheet
235Kb / 4P
RF Driver Amplifier
MAAM-010617 MA-COM-MAAM-010617 Datasheet
418Kb / 7P
RF Driver Amplifier
MAAM-010617 MA-COM-MAAM-010617_15 Datasheet
418Kb / 7P
RF Driver Amplifier
MAAM-009286 MA-COM-MAAM-009286_15 Datasheet
812Kb / 5P
RF Driver Amplifier
MAAM-009560 MA-COM-MAAM-009560_15 Datasheet
889Kb / 5P
RF Driver Amplifier
MAAM-009563 MA-COM-MAAM-009563_15 Datasheet
855Kb / 6P
RF Driver Amplifier
logo
Analog Devices
ADL5321 AD-ADL5321_14 Datasheet
427Kb / 16P
RF Driver Amplifier
3/14-Rev. C to Rev. D
ADL5605 AD-ADL5605_17 Datasheet
554Kb / 18P
RF Driver Amplifier
Sep-2017
ADL5606 AD-ADL5606_17 Datasheet
611Kb / 18P
RF Driver Amplifier
Sep-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com