Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT574 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HT574
Description  HIGH TEMPERATURE UP COMPATIBLE 12-BIT A/D CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HT574 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HT574 Datasheet HTML 1Page - List of Unclassifed Manufacturers HT574 Datasheet HTML 2Page - List of Unclassifed Manufacturers HT574 Datasheet HTML 3Page - List of Unclassifed Manufacturers HT574 Datasheet HTML 4Page - List of Unclassifed Manufacturers HT574 Datasheet HTML 5Page - List of Unclassifed Manufacturers HT574 Datasheet HTML 6Page - List of Unclassifed Manufacturers HT574 Datasheet HTML 7Page - List of Unclassifed Manufacturers HT574 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
HT574
FUNCTIONAL DIAGRAM
PINOUT DIAGRAM
TIMING
&
CONTROL
OSC
2.5K VREF = 5V
(0 TO 5V)
COMP
12-BIT
CAPACITOR
DAC
REF
VBG
2
3
4
5
6
8
12
13
14
10
25
26
27
28
24
23
22
21
20
19
18
17
16
12_N8
NCS
R_NC
CE
VREF_OUT
VREF_IN
10V_IN
20V_IN
BIP_OFF
Ao
STS
DB11 MSB
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0 LSB
(5.0V)
7
9
15
1
1µF
+5V
+10V
10µF//0.1µF
(5.0V)
1
VTRIM
5K
5K
10K
1
VLOGIC (+5V)
2
12_N8
3
NCS
6
CE
7
VDD (+10V)
8
VREF_OUT
9
AGND
10
VREF_IN
12
BIP_OFF
13
10V_IN
14
20V_IN
4
5
R_NC
Ao
28
STS
27
DB11
26
DB10
25
DB9
24
DB8
23
DB7
22
DB6
21
DB5
20
DB4
19
DB3
18
DB2
17
DB1
16
DB0
15
DGND
11
VTRIM
NAME
VLOGIC
12_N8
NCS
Ao
R_NC
CE
VDD
VREF_OUT
AGND
VREF_IN
VTRIM
BIP_OFF
10V_IN
20V_IN
DGND
DB0:11
FUNCTION
Digital Supply (5V)
Data Mode Select (1 = 12 bits; 0 = 8 bits)
Chip Select (Active Low)
Byte Size Select
Read/Convert (1 = Read; 0 = Convert)
Chip Enable (Active High)
Analog Supply (10V)
Reference Output (5 V)
Analog Ground
Reference Input
Trims Vref-out
Bipolar Offset
10 Volt Analog Input
20 Volt Analog Input
Digital Ground
12-Bit Digital Output
(DB11 = MSB, DB0 = LSB)
STS
Status



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com