Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT574 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # HT574
Description  HIGH TEMPERATURE UP COMPATIBLE 12-BIT A/D CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HT574 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  HT574 Datasheet HTML 1Page - List of Unclassifed Manufacturers HT574 Datasheet HTML 2Page - List of Unclassifed Manufacturers HT574 Datasheet HTML 3Page - List of Unclassifed Manufacturers HT574 Datasheet HTML 4Page - List of Unclassifed Manufacturers HT574 Datasheet HTML 5Page - List of Unclassifed Manufacturers HT574 Datasheet HTML 6Page - List of Unclassifed Manufacturers HT574 Datasheet HTML 7Page - List of Unclassifed Manufacturers HT574 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
HT574
Symbol
Parameter
Conditions (1)
Typical
Min
Max
Units
tDSC
STS Delay from CE
200
ns
tHEC
CE Pulse Width
50
ns
tSSC
NCS to CE Setup
50
ns
tHCS
NCS Low during CE High
50
ns
tSRC
R_NC to CE Setup
50
ns
tHRC
R_NC Low during CE High
50
ns
tSAC
Ao to CE Setup
0
ns
tHAC
Ao Valid during CE High
50
ns
tC
Conversion Time
12-Bit Cycle
8-Bit Cycle
Including Acquisition
Tmin to Tmax
Tmin to Tmax
10
7.2
µs
µs
CONVERT MODE TIMING CHARACTERISTICS
CONVERT MODE TIMING DIAGRAM
READ MODE TIMING DIAGRAM
(1) Time is measured from 50% level of digital transitions. Tested with a 100pF and 3k
Ω load for high impedance to drive and
tested with 10pF and 3k
Ω load for drive to high impedance.
CE
Ao
STS
DB11-DB0
NCS
R_NC
tHEC
tC
tDSC
tHAC
tSAC
tHRC
tHSC
tSSC
tSRC
High Impedance
CE
Ao
STS
DB11-DB0
tSSR
tSRR
tSAR
High
Impedance
tHS
tHD
tHAR
tHRR
tHSR
NCS
R_NC
Data Valid
tDD
tHL
Temperature ranges = -55 to +225
°C, VDD = 10.0V ±10%
Typical @ +25
°C, Vlogic = +5V, unless otherwise specified



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com