Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT574 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # HT574
Description  HIGH TEMPERATURE UP COMPATIBLE 12-BIT A/D CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HT574 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  HT574 Datasheet HTML 1Page - List of Unclassifed Manufacturers HT574 Datasheet HTML 2Page - List of Unclassifed Manufacturers HT574 Datasheet HTML 3Page - List of Unclassifed Manufacturers HT574 Datasheet HTML 4Page - List of Unclassifed Manufacturers HT574 Datasheet HTML 5Page - List of Unclassifed Manufacturers HT574 Datasheet HTML 6Page - List of Unclassifed Manufacturers HT574 Datasheet HTML 7Page - List of Unclassifed Manufacturers HT574 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
HT574
STAND ALONE MODE TIMING CHARACTERISTICS
Symbol
Parameter
Conditions (1)
Typical
Min
Max
Units
tHRL
Low R_NC Pulse Width
50
ns
tDS
STS Delay from R_NC
200
ns
tHDR
Data Valid after R_NC Low
25
ns
tHS
STS Delay after Data Valid
300
1000
ns
tHRH
High R_NC Pulse Width
150
ns
tDDR
Data Access Time
150
ns
Parameter
Conditions (1)
Typical
Min
Max
Units
Acquisition Time
1.26
µs
Aperture Uncertainty Time
20
ns
STAND ALONE MODE TIMING
HIGH PULSE FOR R_NC
STAND ALONE MODE TIMING
LOW PULSE FOR R_NC
SAMPLE AND HOLD CHARACTERISTICS
-55 to 225
°C, VDD = +10V, VLOGIC = +5V
Unless otherwise specified
(1) Time is measured from 50% level of digital transitions. Tested with a 100pF and 3k
Ω load for high impedance to drive and
tested with 10pF and 3k
Ω load for drive to high impedance.
STS
DB11-DB0
R_NC
Data Valid
tHRL
tDS
tC
tHDR
tHS
Data Valid
STS
DB11-DB0
R_NC
Data Valid
tHRH
tDS
tC
High-Z
tHDR
tDDR
High-Z
Temperature ranges = -55 to +225
°C, VDD = 10.0V ±10%
Typical @ +25
°C, Vlogic = +5V, unless otherwise specified



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com