Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT574 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # HT574
Description  HIGH TEMPERATURE UP COMPATIBLE 12-BIT A/D CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HT574 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  HT574 Datasheet HTML 1Page - List of Unclassifed Manufacturers HT574 Datasheet HTML 2Page - List of Unclassifed Manufacturers HT574 Datasheet HTML 3Page - List of Unclassifed Manufacturers HT574 Datasheet HTML 4Page - List of Unclassifed Manufacturers HT574 Datasheet HTML 5Page - List of Unclassifed Manufacturers HT574 Datasheet HTML 6Page - List of Unclassifed Manufacturers HT574 Datasheet HTML 7Page - List of Unclassifed Manufacturers HT574 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
HT574
READ MODE AC TIMING CHARACTERISTICS
Symbol
Parameter
Conditions (1)
Typical
Min
Max
Units
tDD
Access Time from CE
150
ns
tHD
Data Valid after CE Low
25
ns
tHL
Output Float Delay
150
ns
tSSR
NCS to CE Setup
0
50
ns
tSRR
R_NC to CE Setup
0
0
ns
tSAR
Ao to CE Setup
50
ns
tHSR
NCS Valid after CE Low
0
0
ns
tHRR
R_NC High after CE Low
0
0
ns
tHAR
Ao Valid after CE Low
50
ns
tHS
STS Delay after Data Valid
300
1000
ns
DIGITAL CHARACTERISTICS
Parameter
Conditions
Typical
Min
Max
Units
Logic Inputs
(CE, NCS, R_NC, Ao, 12_N8)
Logic "1"
2.4
5.5
V
Logic "0"
-0.5
+0.8
V
Current
0 to +5.5V input
±0.01
+5
µA
Capacitance
5
pF
Logic Outputs (DB11-DBO, STS)
Logic "0"
(ISink = 1.6mA)
+0.4
V
Logic "1"
(ISource = 500
µA)
+2.4
V
Leakage
(High Z state, DB11-DBO only)
±0.1
-5
+5
µA
Capacitance
5
pF
(1) Time is measured from 50% level of digital transitions. Tested with a 100pF and 3k
Ω load for high impedance to drive and
tested with 10pF and 3k
Ω load for drive to high impedance.
Temperature ranges = -55 to +225
°C, VDD = 10.0V ±10%
Typical @ +25
°C, Vlogic = +5V, unless otherwise specified
Temperature ranges = -55 to +225
°C, VDD = 10.0V ±10%
Typical @ +25
°C, Vlogic = +5V, unless otherwise specified



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com