Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT574 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HT574
Description  HIGH TEMPERATURE UP COMPATIBLE 12-BIT A/D CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HT574 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HT574 Datasheet HTML 1Page - List of Unclassifed Manufacturers HT574 Datasheet HTML 2Page - List of Unclassifed Manufacturers HT574 Datasheet HTML 3Page - List of Unclassifed Manufacturers HT574 Datasheet HTML 4Page - List of Unclassifed Manufacturers HT574 Datasheet HTML 5Page - List of Unclassifed Manufacturers HT574 Datasheet HTML 6Page - List of Unclassifed Manufacturers HT574 Datasheet HTML 7Page - List of Unclassifed Manufacturers HT574 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Advance Information
HTMOSTM High Temperature Products
HIGH TEMPERATURE
µP COMPATIBLE
12-BIT A/D CONVERTER
HT574
• Down-Hole Oil Well
• Avionics
• Turbine Engine Control
• Industrial Process Control
• Nuclear Reactor
• Electric Power Conversion
• Heavy Duty Internal Combustion Engines
• Specified Over -55 to +225
°C
• Includes On-Chip Clock, Reference,
µP Interface and Sample/Hold
• 11-Bit Linearity
• 10
µs Maximum Conversion, Including Acquisition
• Hermetic 28-Lead Ceramic DIP
FEATURES
APPLICATIONS
GENERAL DESCRIPTION
e
(pitch)
b
(width)
A
S1
b2
Q
L
S2
D
E
1
Right
Reading
on Lid
Ceramic
Body
A
b
b2
C
D
E
e
eA
L
Q
S1
S2
0.175 (max)
0.018 ± 0.002
0.050 (typ)
0.010 to 0.002
1.400 ± 0.014
0.594 ± 0.010
0.100 ±0.005
0.600 ±0.010
0.125 to 0.175
0.050 ±0.010
0.005 (min)
0.005 (min)
All dimensions in inches
eA
C
28-LEAD PACKAGE
The HT574 is a general purpose, 12-bit successive approxi-
mation A/D converter intended for applications with an
extremely wide operating temperature range. Fabricated
with Honeywell’s dielectrically isolated high temperature
(HTMOS™) process, it is designed specifically for severe
high-temperature applications.
The HT574 includes a switched capacitor, digital-to-analog
converter, internal reference, comparator, successive ap-
proximation register, sample and hold, oscillator and archi-
tecture which allows it to be used with minimal external
components. Tristate output buffers and digital control pins
are also provided for microprocessor interfacing. Analog
input signal ranges of 0 to +10V, 0 to +20V, or
±5V may be
selected from the internal resistor scaling network.
The HT574 provides 12-bit conversions in 10
µs over the
entire -55 to +225
°C temperature range. Typically, parts will
operate up to +300
°C for a year, with derated performance.
All parts are burned in at 250
°C to eliminate infant mortality.
Solid State Electronics Center • 12001 State Highway 55, Plymouth, MN 55441 • (800) 323-8295 • http://www.ssec.honeywell.com


Similar Part No. - HT574

ManufacturerPart #DatasheetDescription
logo
HYES Optoelectronics, I...
HT5702UL HYES-HT5702UL Datasheet
1Mb / 21P
LCD MODULE (320 횞 RGB 횞 240)
HT5702UL-T HYES-HT5702UL-T Datasheet
863Kb / 21P
LCD MODULE(320 횞 RGB 횞 240)
HT5703L HYES-HT5703L Datasheet
1Mb / 24P
LCD MODULE(320 횞 RGB 횞 240)
HT5703L-T HYES-HT5703L-T Datasheet
1Mb / 24P
LCD MODULE(320 횞 RGB 횞 240)with Touch Screen
HT5711L HYES-HT5711L Datasheet
758Kb / 22P
LCD MODULE
More results

Similar Description - HT574

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD394 AD-AD394 Datasheet
605Kb / 8P
uP Compatible Multiplying Quad 12-Bit D/A Converter
AD767 AD-AD767 Datasheet
289Kb / 8P
Microprocessor-Compatible 12-Bit D/A Converter
REV.A
logo
Intersil Corporation
ICL7109 INTERSIL-ICL7109 Datasheet
962Kb / 25P
12-Bit, Microprocessor- Compatible A/D Converter
November 2000
logo
List of Unclassifed Man...
MN674A ETC1-MN674A Datasheet
504Kb / 8P
UP-COMPATIBLE 15 usec 12-Bit A/D CONVERTER
logo
Intersil Corporation
ICL7112 INTERSIL-ICL7112 Datasheet
758Kb / 14P
12-Bit, High-Speed, CMOS uP-Compatible A/D Converter
January 1998
logo
Analog Devices
AD667SE-883B AD-AD667SE-883B Datasheet
759Kb / 8P
Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD394KD AD-AD394KD Datasheet
626Kb / 12P
Up-Compatible Multiplying Quad 12-Bit D/A Converter
REV. A
AD767JNZ AD-AD767JNZ Datasheet
627Kb / 8P
Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667SD AD-AD667SD Datasheet
759Kb / 8P
Microprocessor-Compatible 12-Bit D/A Converter
REV. A
logo
Honeywell Solid State E...
HTADC12 HONEYWELL-HTADC12 Datasheet
618Kb / 12P
High Temperature 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com