Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT574 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # HT574
Description  HIGH TEMPERATURE UP COMPATIBLE 12-BIT A/D CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HT574 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  HT574 Datasheet HTML 1Page - List of Unclassifed Manufacturers HT574 Datasheet HTML 2Page - List of Unclassifed Manufacturers HT574 Datasheet HTML 3Page - List of Unclassifed Manufacturers HT574 Datasheet HTML 4Page - List of Unclassifed Manufacturers HT574 Datasheet HTML 5Page - List of Unclassifed Manufacturers HT574 Datasheet HTML 6Page - List of Unclassifed Manufacturers HT574 Datasheet HTML 7Page - List of Unclassifed Manufacturers HT574 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
HT574
DC ELECTRICAL CHARACTERISTICS
Temperature ranges = -55 to +225
°C, VDD = 10.0V ±10%
Typical @ +25
°C, Vlogic = +5V, unless otherwise specified
(1) Can be adjusted by tying VTRIM to external resistor and VREF_OUT or VSSA.
(2) Available for external loads, external load should not change during conversion.
P arame te r
Conditions
Typ
Min
Max
Units
Resolution
12
Bits
Integral Non-Linearity (INL)
Tmin to Tmax
±1LSB
Differential Non-Linearity (DNL)
Tmin to Tmax
±1LSB
Unipolar Offset Error
Adjustable to zero
±2LSB
Bipolar Offset Error
Adjustable to zero
±10
LSB
Full Scale Calibration Error (1)
No adjustment at +25
°C, Tmin to Tmax
With adjustment at +25
°C, Tmin to Tmax
0.8
0.5
% of FS
% of FS
Temperature Coefficients
Unipolar Offset
Bipolar Offset
Full Scale Calibration
Using internal reference, Tmin to Tmax
±2 (5)
±4 (10)
±20 (50)
LSB (ppm/
°C)
LSB (ppm/
°C)
LSB (ppm/
°C)
Power Supply Rejection
+9.0V<VDD<11>V
+4.5V<VLOGIC<5.5V
Max change in full scale calibration
±2
±0.5
LSB
LSB
Analog Input Ranges
Bipolar
Unipolar
-5
0
0
+5
+10
+20
V
V
V
Impedance
10 Volt Span
20 Volt Span
Temperature coefficient =
±100ppm/°C
3.3
13.3
2.64
10.64
3.96
15.96
K
Ω
k
Ω
Operating Voltage Range
VLOGIC
VDD
+4.5
+9
+5.5
+11
V
V
Operating Current
ILOGIC
IDD
1
7
3
9
mA
mA
Power Dissipation
VDD = 10V, VLOGIC = 5 V
75
105
mW
Internal Reference Voltage
5
4.965
5.035
V
Output Current (2)
Sink or source
8
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com