Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT574 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # HT574
Description  HIGH TEMPERATURE UP COMPATIBLE 12-BIT A/D CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HT574 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  HT574 Datasheet HTML 1Page - List of Unclassifed Manufacturers HT574 Datasheet HTML 2Page - List of Unclassifed Manufacturers HT574 Datasheet HTML 3Page - List of Unclassifed Manufacturers HT574 Datasheet HTML 4Page - List of Unclassifed Manufacturers HT574 Datasheet HTML 5Page - List of Unclassifed Manufacturers HT574 Datasheet HTML 6Page - List of Unclassifed Manufacturers HT574 Datasheet HTML 7Page - List of Unclassifed Manufacturers HT574 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
HT574
900177 Rev. B
4-98
Helping You Control Your World
Honeywell reserves the right to make changes to any products or technology herein to improve reliability, function or design. Honeywell does not assume any liability
arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
VDD to Analog Common ........................................................................................................................... 0V to +12.5V
VLOGIC to Digital Common ........................................................................................................................... 0V to +7V
Analog Common to Digital Common .......................................................................................................................
±1V
Control Inputs (CE, NCS, 12_N8, Ao, R_NS) to Digital Common ............................................ -0.5V to VLOGIC +0.5V
Analog Inputs (VREF_IN, BIP_OFF, 10V_IN) to Analog Common ....................................................................
±12.5V
20V_IN to Analog Common ..................................................................................................................................
±24V
VREF_OUT ............................................................................................................... Indefinite Short Circuit to Ground
Power Dissipation ........................................................................................................................................... 1000mW
Storage Temperature .............................................................................................................................. -65 to +325
°C
Lead Temperature (Attachment, 10 sec.) ............................................................................................................ 355
°C
ESD Protection .................................................................................................................................................... 2000V
ABSOLUTE MAXIMUM RATINGS (1)
(1) Stresses in excess of those listed above may result in permanent damage. These are stress ratings only, and operation at these levels is not implied.
Frequent or extended exposure to absolute maximum conditions may effect device reliability.
TRUTH TABLE FOR HT574 CONTROL
Case
CE
NCS
R_NC
12_N8
A0
Operation
1
2
3
4
5
6
7
8
9
10
11
X
1
0
0
0
0
0
0
0
0
X
1
1
1
1
1
1
1
X
X
0
0
0
0
1
1
1
X
X
X
X
X
X
X
X
1
0
0
X
X
0
1
0
1
0
1
X
0
1
None
None
Initiate 12 Bit Conversion
Enable 12 Bit Output
Enable 8 MSB's Only
Enable 4 LSB's + 4 Trailing Zero's
Initiate 8 Bit Conversion
Initiate 12 Bit Conversion
Initiate 8 Bit Conversion
Initiate 12 Bit Conversion
Initiate 8 Bit Conversion
To learn more about Honeywell Solid State Electronics Center,
visit our web site at http://www.ssec.honeywell.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com