Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP023GS Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP023GS
Description  Primary Side CC/CV Flyback Controller with High Voltage Current Source and Programmable Cable Compensation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP023GS Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP023GS Datasheet HTML 11Page - Monolithic Power Systems MP023GS Datasheet HTML 12Page - Monolithic Power Systems MP023GS Datasheet HTML 13Page - Monolithic Power Systems MP023GS Datasheet HTML 14Page - Monolithic Power Systems MP023GS Datasheet HTML 15Page - Monolithic Power Systems MP023GS Datasheet HTML 16Page - Monolithic Power Systems MP023GS Datasheet HTML 17Page - Monolithic Power Systems MP023GS Datasheet HTML 18Page - Monolithic Power Systems MP023GS Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
MP023 – PRIMARY-SIDE CC/CV CONTROLLER
MP023 Rev. 1.1
www.MonolithicPower.com
15
7/18/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Figure 9: The External Configuration of CP
Table 1 shows all available values for DS-Max.
The entire customization process is completed
before start-up and latched in a register, so it
does not have any influence on normal
operation.
Table 1: DS-Max vs. CP Configuration
RCP/CCP
DS-Max
0 Ω/NC
*
0.4
10 kΩ/NC
0.3
20 kΩ/NC
0.35
40 kΩ/NC
0.5
NC/1μF
0.4
Notes:
* NC means no connection.
Ipk is also fixed in CC operation. The
relationship between the output constant
current and secondary peak current (Ipks) can
be calculated with Equation (7):
ons
out
pks
pks
S Max
ons
offs
t
11
II
I D
2t
t
2

(7)
When the secondary diode is turned on, the
peak current on the secondary side is
calculated with Equation (8):
p
pks
PK
S
N
II
N
(8)
The output current is then calculated with
Equation (9):
p
out
PK
S Max
S
N
1
II D
2N
(9)
To implement the OLP function in CC mode,
the sampling on the FB voltage continues
running with the sampling time fixed at tFBS-Max.
Leading Edge Blanking
Turning the power switch on induces a spike on
the sense resistor. The MP023 employs a
leading edge blanking period (tLEB) to avoid
falsely terminating the switching pulse. During
this
blanking
period,
the
current
sense
comparator is disabled, and the part cannot be
turned off.
DCM Detection
The MP023 is designed to operate in
discontinuous conduction mode (DCM) in both
CV and CC modes. To avoid operating in
continuous
conduction
mode
(CCM),
the
MP023 implements a zero current detection
(ZCD) function internally with a threshold of
VDCM. The IC does not start the next cycle until
ZCD is detected.
During normal operation, the blanking time for
ZCD is synchronized with the FB sampling time
(i.e., ZCD always starts after the sampling
phase is done). There is also a soft-start
function on the ZCD blanking time to prevent
ZCD from being triggered falsely when the
output capacitor is not charged up. During the
start-up period, the blanking time for ZCD
shrinks gradually from tB_STP (10μs) to the FB
sampling time in 3 cycles.
OVP, OCkP, and OLP
The MP023 includes over-voltage protection
(OVP), open-circuit protection (OCkP), and
overload protection (OLP). If the voltage on FB
exceeds VFBovp, OVP is triggered. If VFBopen
cannot be monitored for each cycle, OCkP is
triggered. If the sampled FB voltage is lower
than VFBolp for 128 consecutive cycles, OLP is
triggered. When any of these protections are
triggered, the MP023 shuts off immediately,
enters hiccup mode, and resumes normal
operation (tons) when the fault has been
removed.
OLP is not enabled until the soft-start period of
the ZCD blanking time is finished.
Over-Temperature Protection (OTP)
When the temperature of the IC exceeds 150°C,
the over-temperature protection (OTP) is
activated, and the IC enters auto-recovery
mode. When the temperature falls below 120°C,
the IC resumes operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com