Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP023GS Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP023GS
Description  Primary Side CC/CV Flyback Controller with High Voltage Current Source and Programmable Cable Compensation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP023GS Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP023GS Datasheet HTML 6Page - Monolithic Power Systems MP023GS Datasheet HTML 7Page - Monolithic Power Systems MP023GS Datasheet HTML 8Page - Monolithic Power Systems MP023GS Datasheet HTML 9Page - Monolithic Power Systems MP023GS Datasheet HTML 10Page - Monolithic Power Systems MP023GS Datasheet HTML 11Page - Monolithic Power Systems MP023GS Datasheet HTML 12Page - Monolithic Power Systems MP023GS Datasheet HTML 13Page - Monolithic Power Systems MP023GS Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
MP023 – PRIMARY-SIDE CC/CV CONTROLLER
MP023 Rev. 1.1
www.MonolithicPower.com
10
7/18/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
Performance waveforms are tested on the evaluation board of the Design Example section.
VIN = 230VAC, unless otherwise noted.
R
50
100
150
200
250
300
75
77
79
81
83
85
0
0.5
1
1.5
2
2.5
3
150 kHz
30 MHz
SGL
TDS
6DB
120
1 MHz
10 MHz
110
100
90
80
70
60
50
EN55022A
EN55022Q
40
30
20
10
0
150 kHz
30 MHz
SGL
TDS
6DB
120
1 MHz
10 MHz
110
100
90
80
70
60
50
EN55022A
EN55022Q
40
30
20
10
0
1 PK
CLRWR
2 AV
CLRWR
150 kHz
30 MHz
SGL
TDS
6DB
120
1 MHz
10 MHz
110
100
90
80
70
60
50
EN55022A
EN55022Q
40
30
20
10
0
1 PK
CLRWR
2 AV
CLRWR
150 kHz
30 MHz
SGL
TDS
6DB
120
1 MHz
10 MHz
110
100
90
80
70
60
50
EN55022A
EN55022Q
40
30
20
10
0
10
11
12
13
14
15
16
17
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com