Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP023GS Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP023GS
Description  Primary Side CC/CV Flyback Controller with High Voltage Current Source and Programmable Cable Compensation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP023GS Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP023GS Datasheet HTML 10Page - Monolithic Power Systems MP023GS Datasheet HTML 11Page - Monolithic Power Systems MP023GS Datasheet HTML 12Page - Monolithic Power Systems MP023GS Datasheet HTML 13Page - Monolithic Power Systems MP023GS Datasheet HTML 14Page - Monolithic Power Systems MP023GS Datasheet HTML 15Page - Monolithic Power Systems MP023GS Datasheet HTML 16Page - Monolithic Power Systems MP023GS Datasheet HTML 17Page - Monolithic Power Systems MP023GS Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
MP023 – PRIMARY-SIDE CC/CV CONTROLLER
MP023 Rev. 1.1
www.MonolithicPower.com
14
7/18/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
VIPK
fS
VLimit-Max
fS_L
fS-min
VLimit-Min
fS_H
Figure 5: Peak Current Modulation
In the event that the external current sensing
resistor is shorted, the maximum turn-on time is
limited internally at tONmax. If this maximum
limitation is reached, the IC enters protection
mode.
Constant Voltage (CV) Operation
The MP023 detects the auxiliary winding
voltage from FB and operates in constant
voltage (CV) mode to regulate the output
voltage.
The auxiliary voltage can be calculated with
Equation (5):
aux
aux
O
D
s
N
V(V
V )
N

(5)
Where VD is the forward drop voltage of the
secondary diode.
During the conduction time of the secondary
diode, the difference between the output
voltage and the voltage on the secondary
winding is not constant since VD varies with the
current
flowing
through
the
diode.
To
compensate for the voltage drop difference, the
sampling time decreases gradually from tFBS-Max
to tFBS-Min as the current limitation folds back
from VLimit-Max to VLimit-Min (see Figure 6).
Figure 6: FB Voltage Sampling Point
The FB sampling time is also customizable with
different resistor values connected to CS (see
Figure 7). Please refer to EC table for details.
Figure 7: External Resistor for Sampling Time
Customization
Choose a sampling time toward the end of the
secondary diode conduction period to improve
the accuracy of the CV regulation. The CV
regulation loop then generates the switching
frequency to regulate the output voltage based
on the sampled voltage.
Constant Current (CC) Operation
Figure
8
shows
the
secondary
current
waveforms.
Figure 8: Secondary Current Waveform
In constant current (CC) operation, the CC loop
control function remains at a fixed ratio between
the secondary diode on time (tons) and the
secondary diode off time (toffs) by charging or
discharging the internal capacitance. The fixed
ratio limits the maximum duty of the secondary
side diode on time, as shown in Equation (6):
ons
SMax
ons
offs
t
D
tt
(6)
For applications with varying output voltages,
the DS-Max can be customized with CP. If CP is
connected with a capacitor directly or shorted to
GND, the DS-Max remains at a default value of
0.4. However, if CP is connected with a resistor
(Figure 9), several choices are available based
on the different resistances.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com