Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP023GS Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP023GS
Description  Primary Side CC/CV Flyback Controller with High Voltage Current Source and Programmable Cable Compensation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP023GS Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP023GS Datasheet HTML 1Page - Monolithic Power Systems MP023GS Datasheet HTML 2Page - Monolithic Power Systems MP023GS Datasheet HTML 3Page - Monolithic Power Systems MP023GS Datasheet HTML 4Page - Monolithic Power Systems MP023GS Datasheet HTML 5Page - Monolithic Power Systems MP023GS Datasheet HTML 6Page - Monolithic Power Systems MP023GS Datasheet HTML 7Page - Monolithic Power Systems MP023GS Datasheet HTML 8Page - Monolithic Power Systems MP023GS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
MP023 – PRIMARY-SIDE CC/CV CONTROLLER
MP023 Rev. 1.1
www.MonolithicPower.com
4
7/18/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
HV to GND....................................-0.3V to 700V
VCC to GND…………………..…….-0.3V to 28V
DRV to GND....................................-0.3V to 15V
CP, CS to GND……………………....-0.3V to 7V
FB……………………………………...-0.7V to 7V
Maximum power dissipation
(2)….…………1.3W
Junction temperature……….……………..150°C
Lead temperature………….………………260°C
Storage temperature……….….-60°C to +150°C
ESD capability human body mode…..……2.0kV
ESD capability machine mode……….…….200V
Recommended Operating Conditions
(3)
Junction temp. (TJ)……………...-40°C to +125°C
Operating VCC range……..…………10V to 25V
Thermal Resistance
(4)
θJA
θJC
SOIC8-7A………………………96...... 45... °C/W
NOTES:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation produces an excessive die temperature, causing
the regulator to go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com