Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP023GS Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP023GS
Description  Primary Side CC/CV Flyback Controller with High Voltage Current Source and Programmable Cable Compensation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP023GS Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP023GS Datasheet HTML 2Page - Monolithic Power Systems MP023GS Datasheet HTML 3Page - Monolithic Power Systems MP023GS Datasheet HTML 4Page - Monolithic Power Systems MP023GS Datasheet HTML 5Page - Monolithic Power Systems MP023GS Datasheet HTML 6Page - Monolithic Power Systems MP023GS Datasheet HTML 7Page - Monolithic Power Systems MP023GS Datasheet HTML 8Page - Monolithic Power Systems MP023GS Datasheet HTML 9Page - Monolithic Power Systems MP023GS Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
MP023 – PRIMARY-SIDE CC/CV CONTROLLER
MP023 Rev. 1.1
www.MonolithicPower.com
6
7/18/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VCC = 15V, TJ = -40 ~125
℃
℃
, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
RCS=0, VLimit=0.25V
1.00
1.70
2.50
RCS=1k, VLimit=0.25V
0.68
1.28
1.88
RCS=2k, VLimit=0.25V
1.70
2.57
3.50
FB minimum sampling time
tFBS-Min
RCS=4k, VLimit=0.25V
2.50
3.42
4.70
μs
ZCD threshold
VDCM
55
100
145
mV
FB open-circuit threshold
VFBopen
-0.19
-0.11
-0.045
V
OVP threshold at FB
VFBovp
5.7
5.96
6.3
V
FB OVP blanking time
tOVP-B
0.9
1.2
1.53
μs
Output Cable Compensation (CP Pin)
Supply voltage on CP
VCP-Max
4
V
Thermal Shutdown
Thermal shutdown threshold
(5)
140
°C
Thermal shutdown hysteresis
(5)
40
°C
Notes:
(5) The parameters are guaranteed by characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com