Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP023GS Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP023GS
Description  Primary Side CC/CV Flyback Controller with High Voltage Current Source and Programmable Cable Compensation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP023GS Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP023GS Datasheet HTML 3Page - Monolithic Power Systems MP023GS Datasheet HTML 4Page - Monolithic Power Systems MP023GS Datasheet HTML 5Page - Monolithic Power Systems MP023GS Datasheet HTML 6Page - Monolithic Power Systems MP023GS Datasheet HTML 7Page - Monolithic Power Systems MP023GS Datasheet HTML 8Page - Monolithic Power Systems MP023GS Datasheet HTML 9Page - Monolithic Power Systems MP023GS Datasheet HTML 10Page - Monolithic Power Systems MP023GS Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
MP023 – PRIMARY-SIDE CC/CV CONTROLLER
MP023 Rev. 1.1
www.MonolithicPower.com
7
7/18/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PIN FUNCTIONS
SOIC8-7A
Pin #
Name
Description
1
CS
Current sense. CS connects to the current sense resistor to detect the MOSFET
current for peak current mode control in CV and CC modes. CS can also be used to
select a sampling time by different external resistor configurations. Connect CS to
current sensing resistor directly, if default sampling time is selected.
Please refer to EC table for additional details of sampling time selection.
2
DRV
Driver. DRV drives the external power MOSFET.
3
CP
Output cable compensation. Usually, a 1µF ceramic capacitor can be connected to
CP as a low pass-filter. The compensation voltage can be adjusted by the divided
resistor. CP can also be used to select the secondary duty limitation by different external
resistor configurations. Short CP to GND, if default secondary duty is selected and cable
compensation isn’t required.
Please refer to Table 1 for additional details.
4
VCC
Supply voltage of the IC. When VCC is lower than a certain level (VCCL), the internal
high-voltage current source is turned on to charge VCC. When VCC is charged to a
certain level (VCCH) by the internal high-voltage current source, the IC begins working.
Connect a 0.1µF ceramic capacitor as close to VCC as possible to decouple the noise
and the bulk capacitor.
5
FB
Feedback. Voltage on FB determines the operation mode (CV or CC mode).
6
GND
Ground.
8
HV
Internal high-voltage current source. HV draws current from the bus to charge up
VCC for start-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com