Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP023GS Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP023GS
Description  Primary Side CC/CV Flyback Controller with High Voltage Current Source and Programmable Cable Compensation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP023GS Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP023GS Datasheet HTML 1Page - Monolithic Power Systems MP023GS Datasheet HTML 2Page - Monolithic Power Systems MP023GS Datasheet HTML 3Page - Monolithic Power Systems MP023GS Datasheet HTML 4Page - Monolithic Power Systems MP023GS Datasheet HTML 5Page - Monolithic Power Systems MP023GS Datasheet HTML 6Page - Monolithic Power Systems MP023GS Datasheet HTML 7Page - Monolithic Power Systems MP023GS Datasheet HTML 8Page - Monolithic Power Systems MP023GS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
MP023
Primary Side CC/CV Flyback Controller with
High Voltage Current Source and
Programmable Cable Compensation
MP023 Rev. 1.1
www.MonolithicPower.com
1
7/18/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP023 is an offline, primary-side controller
that provides accurate, constant voltage and
constant current regulation without the need of
an optocoupler or secondary feedback circuit. It
uses an integrated 700V current source to
achieve quick start-up.
The MP023's variable off-time control allows its
flyback converter to operate in discontinuous
conduction mode (DCM). The MP023’s current
limit and maximum secondary duty cycle are
programmable, making the output current easily
set. The FB voltage sensing point is also
programmable and is able to set different
switching frequencies.
The internal high-voltage start-up current
source and power-saving technologies limit the
no-load power consumption to less than 30mW.
Full protection features include VCC under-
voltage lockout (UVLO), overload protection
(OLP), over-temperature protection (OTP),
open loop protection (OCkP), and over-voltage
protection (OVP).
The MP023's variable switching frequency
method provides a natural spectrum for shaping
a smooth EMI signature, which is suitable for
offline,
low-power
battery
chargers
and
adapters.
The MP023 requires a minimal number of
readily
available,
standard,
external
components and is available in a SOIC8-7A
package.
FEATURES
 Primary-Side Control without Optocoupler or
Secondary Feedback Circuit
 Precise Constant Current and Constant
Voltage Control (CC/CV)
 Variable Off-Time Peak Current Control
 700V High-Voltage Current Source
 20mW No-Load Power Consumption
 Programmable Cable Compensation
 Programmable Current Limit and Maximum
Secondary Duty Cycle
 Programmable FB Voltage Sensing Point
 Multiple Protection Features: OVP, OCkP,
OLP, OTP, VCC UVLO
 Low Cost and Simple External Circuit
 Available in a SOIC8-7A Package
APPLICATIONS
 Appliance Power Supplies
 Adapters for Handheld Electronics
 Standby and Auxiliary Power Supplies
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under
Quality Assurance. “MPS” and “The Future of Analog IC Technology” are
registered trademarks of Monolithic Power Systems, Inc.


Similar Part No. - MP023GS

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP02309 GOLLEDGE-MP02309 Datasheet
121Kb / 6P
SAW Filter 1220MHz
MP02330 GOLLEDGE-MP02330 Datasheet
207Kb / 6P
SAW Filter 923.50MHz
MP02382 GOLLEDGE-MP02382 Datasheet
145Kb / 7P
SAW Filter 1120MHz
More results

Similar Description - MP023GS

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WS3252 WINSEMI-WS3252 Datasheet
440Kb / 8P
WS3252 High Precision CC/CV Primary-Side PWM Controller
logo
List of Unclassifed Man...
FT832DB ETC2-FT832DB Datasheet
193Kb / 10P
Primary-Side-Control CC/CV Controller
logo
Monolithic Power System...
MP024-10 MPS-MP024-10 Datasheet
1Mb / 25P
Primary-Side, CC/CV, Flyback Regulator with High-Voltage Current Source and Programmable Cable Compensation
logo
Maxic Technology Corpor...
MT7970 MAXIC-MT7970 Datasheet
219Kb / 1P
High Precision CC/CV Primary-Side PWM Controller
logo
SHENZHEN FUMAN ELECTRON...
TC6520 FUMAN-TC6520 Datasheet
237Kb / 4P
High precision CC/CV primary side controller
TC6532 FUMAN-TC6532 Datasheet
1Mb / 9P
High precision CC/CV primary side controller
TC6535 FUMAN-TC6535 Datasheet
1Mb / 9P
High precision CC/CV primary side controller
TC6538 FUMAN-TC6538 Datasheet
1Mb / 9P
High precision CC/CV primary side controller
logo
Princeton Technology Co...
RS2139 PTC-RS2139 Datasheet
253Kb / 4P
High Precision CC / CV Primary-Side PWM Controller
logo
List of Unclassifed Man...
OB2532 ETC2-OB2532 Datasheet
404Kb / 10P
High Precision CC/CV Primary-Side PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com