Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP158GS Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP158GS
Description  Small, Energy-Efficient, Off-line Regulator 30mW No-Load Power Consumption
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP158GS Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP158GS Datasheet HTML 12Page - Monolithic Power Systems MP158GS Datasheet HTML 13Page - Monolithic Power Systems MP158GS Datasheet HTML 14Page - Monolithic Power Systems MP158GS Datasheet HTML 15Page - Monolithic Power Systems MP158GS Datasheet HTML 16Page - Monolithic Power Systems MP158GS Datasheet HTML 17Page - Monolithic Power Systems MP158GS Datasheet HTML 18Page - Monolithic Power Systems MP158GS Datasheet HTML 19Page - Monolithic Power Systems MP158GS Datasheet HTML 20Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
MP158 –SMALL, ENERGY-EFFICIENT, OFF-LINE REGULATOR
MP158 Rev. 1.0
www.MonolithicPower.com
17
10/17/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
FLOW CHART
Power On
Vcc>5.6V
Internal High Voltage
Regulator ON
Y
N
Soft Start
Monitor VFB
Monitor Vcc
OLP= Logic High
Y
OTP, SCP
and open loop
Monitor
Y
Vcc Decrease
to 2.4V
Shut Down
Internal High Voltage
Regulator
N
Continuous
Fault Monitor
Protection
Logic High
Y
N
UVLO, SCP, OLP, OTP and Open loop protections are auto restart
Stop operation
Y
N
Y
VFB<2.55V
VFB<1.7V
Turn ON the
MOSFET
Y
N
6144
switching
counter
finished?
Vcc<3.4V
Y
Y
N
?
VFB<60mV
Y
N
Open loop
Logic High
Vcc < 5.3V
Internal High Voltage
Regulator ON
Vcc > 5.6V
N
Shut Down
Internal High Voltage
Regulator
Y
N
Figure 11: Control Flow Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com