Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP158GS Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP158GS
Description  Small, Energy-Efficient, Off-line Regulator 30mW No-Load Power Consumption
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP158GS Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP158GS Datasheet HTML 10Page - Monolithic Power Systems MP158GS Datasheet HTML 11Page - Monolithic Power Systems MP158GS Datasheet HTML 12Page - Monolithic Power Systems MP158GS Datasheet HTML 13Page - Monolithic Power Systems MP158GS Datasheet HTML 14Page - Monolithic Power Systems MP158GS Datasheet HTML 15Page - Monolithic Power Systems MP158GS Datasheet HTML 16Page - Monolithic Power Systems MP158GS Datasheet HTML 17Page - Monolithic Power Systems MP158GS Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
MP158 –SMALL, ENERGY-EFFICIENT, OFF-LINE REGULATOR
MP158 Rev. 1.0
www.MonolithicPower.com
14
10/17/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
So, when reducing dummy load to achieve
30mW no load requirement, no load regulation
will get worse.
Use a zener to reduce no-load consumption if no-
load regulation is not a concern.
Auxiliary VCC Supply
Figure 8: Auxiliary VCC Supply Circuit
For VO above 7V applications, MP158 can
achieve the 30mW no-load power requirement. In
order to do this, chip requires an external VCC
supply to reduce overall power consumption.
This auxiliary VCC supply is derived from the
resistor connected between C3 and C4. C4
should be set larger than recommendation above.
D3 is used in case that VCC interfere with FB, R3
is determined per the formula below.
o
S
V5.8V
R
I
−
≈
 
Where IS is the VCC consumption under no load
condition. R should be adjusted to meet the
actual IS, because it varies in different application.
In a particular configuration, IS is measured as
about 180uA.
Surge Performance
Select an appropriate input capacitor value to
obtain a good surge performance. Figure 9
shows the half-wave rectifier. Table 2 shows the
capacitance required under normal condition for
different surge voltages. In this test, FR1 is
20Ω/2W fused resistor and L1 is 1mH.
Figure 9: Half-Wave Rectifier
Table 2: Recommended Capacitance
Surge voltage
500V
1000V
2000V
C1
1μF
10μF
22μF
C2
1μF
4.7μF
10μF
Layout Guide
PCB layout is very important for reliable
operation, good EMI and thermal performance.
Please follow these guidelines to optimize
performance.
1) Minimize the loop area formed by the input
capacitor, IC, freewheeling diode, inductor
and output capacitor.
2) Place the power inductor far away from the
input filter while keeping the loop area to the
inductor to a minimum, see example below.
3) Place a capacitor valued at several hundred
pF between the FB pin and source as close
the IC as possible.
4) Connect exposed pads or larger copper area
with the DRAIN pin to improve thermal
performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com