Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP158GS Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP158GS
Description  Small, Energy-Efficient, Off-line Regulator 30mW No-Load Power Consumption
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP158GS Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP158GS Datasheet HTML 9Page - Monolithic Power Systems MP158GS Datasheet HTML 10Page - Monolithic Power Systems MP158GS Datasheet HTML 11Page - Monolithic Power Systems MP158GS Datasheet HTML 12Page - Monolithic Power Systems MP158GS Datasheet HTML 13Page - Monolithic Power Systems MP158GS Datasheet HTML 14Page - Monolithic Power Systems MP158GS Datasheet HTML 15Page - Monolithic Power Systems MP158GS Datasheet HTML 16Page - Monolithic Power Systems MP158GS Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
MP158 –SMALL, ENERGY-EFFICIENT, OFF-LINE REGULATOR
MP158 Rev. 1.0
www.MonolithicPower.com
13
10/17/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
Topology Options
MP158 can be used in common topologies, such
as Buck, Buck-Boost, Boost and Flyback, as
illustrated in table 1.
Component Selection
Input Capacitor
The input capacitor supplies the DC input voltage
for the converter. Figure 7 shows the typical DC
bus voltage waveform of a half-wave rectifier.
Vin
DC input voltage
t
VDC(min)
VDC(max)
AC input voltage
Figure 7: Input Voltage Waveform
Typically, a half-wave rectifier requires an input
capacitor rated at 3uF/W for the universal input
condition. When using a full-wave rectifier, input
capacitor is chosen as 1.5~2uF/W for the
universal input condition. A minimum DC voltage
below 70V should be usually avoided, since it
may cause thermal issue.
Inductor
The MP158 has a minimum off-time limit that
determines the maximum power output. The
maximum power increases as the inductor
increases. Using a very small inductor may
cause failure at full load, but a larger inductor
means a higher OLP load. It is recommended to
select an inductor with the minimum value that
can supply the rated power. Estimate the
maximum power with:
τ
=− ominoff
o max
o peak
V
PV (I
)
2L
, for CCM
=⋅
τ
2
omax
peak
min off
11
PLI
2
, for DCM
For
mass
production,
tolerance
on
the
parameters, such as peak current limitation,
minimal
off
time,
should
be
taken
into
consideration.
To reduce costs, use a standard off-the-shelf
inductor no less than the calculated value.
Freewheeling Diode
The diode should be selected based on
maximum input voltage and peak current.
The freewheeling diode’s reverse recovery can
affect efficiency and circuit operation under CCM,
so use an ultra fast diode such as the EGC10JH.
Output Capacitor
The output capacitor is required to maintain the
DC output voltage. Estimate the output voltage
ripple as:
CCM _ ripple
ESR
so
i
Vi R
8f C
Δ
=+ Δ ⋅
, for CCM
2
pk
o
o
DCM _ ripple
pk
ESR
so
pk
II
I
VI
R
fC
I
⎛⎞
−
=⋅
+
⋅
⎜⎟
⎜⎟
⎝⎠
, for DCM
It is recommended to use ceramic, tantalum or
low ESR electrolytic capacitors to reduce the
output voltage ripple.
Feedback Resistors
The resistor divider determines the output
voltage. Appropriate R1 and R2 values should be
chosen to maintain VFB at 2.55V. R2 is typically
5kΩ to 10kΩ, avoid large R2 value.
Feedback Capacitor
The feedback capacitor provides a sample and
hold function. Small capacitors result in poor
regulation at light loads, and large capacitors
affect the circuit operation. Roughly estimate an
optimal capacitor value using the following
equation:
oo
oo
FB
12
o
1
2
o
VC
VC
1
C
2R
R
I
R
R
I
⋅
≤≤
⋅
++
Dummy Load
A dummy load is required to maintain the load
regulation. This ensures sufficient inductor
energy to charge the sample and hold capacitor
to detect the output voltage. Normally a 2mA
dummy load is needed and can be adjusted
according to the regulated voltage. The dummy
load reduces the efficiency and increases the no-
load consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com