Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP158GS Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP158GS
Description  Small, Energy-Efficient, Off-line Regulator 30mW No-Load Power Consumption
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP158GS Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP158GS Datasheet HTML 6Page - Monolithic Power Systems MP158GS Datasheet HTML 7Page - Monolithic Power Systems MP158GS Datasheet HTML 8Page - Monolithic Power Systems MP158GS Datasheet HTML 9Page - Monolithic Power Systems MP158GS Datasheet HTML 10Page - Monolithic Power Systems MP158GS Datasheet HTML 11Page - Monolithic Power Systems MP158GS Datasheet HTML 12Page - Monolithic Power Systems MP158GS Datasheet HTML 13Page - Monolithic Power Systems MP158GS Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
MP158 –SMALL, ENERGY-EFFICIENT, OFF-LINE REGULATOR
MP158 Rev. 1.0
www.MonolithicPower.com
10
10/17/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
MOS
Diode
IL
Ipeak
Io
Vo
VFB
2.5V
Figure 4: VFB vs. VO
Use the following equation to determine the
output voltage:
R1 R2
Vo 2.55V
R2
+
=×
Frequency
Foldback
and
Peak
Current
Compression
The MP158 remains highly efficient under light-
load
condition
by reducing
the
switching
frequency and peak current automatically.
Under light-load or no-load conditions, the output
voltage drops very slowly, which increases the
MOSFET off time. Thus the switching frequency
decreases as the load decreases.
Determine the switching frequency as:
in
o
o
s
peak
o
in
(V
V )
V
f
2L(I
I ) V
−
=⋅
−
, for CCM
−
=⋅
in
O
o
o
s
2
peak
in
2(V
V ) I V
f
LI
V
, for DCM
At the same time, the peak current limit
decreases as the off-time increases. In standby
mode, the frequency and the peak current are
both minimized, allowing for a smaller dummy
load. As a result, peak-current compression
helps further reduce no-load consumption. Peak
current limit can be estimated from the following
equation (
τoff is the MOSFET’s off time):
Peak
off
I
101mA (1mA / s) (
9 s)
=−
μ × τ − μ
EA Compensation
MP158
has
internal
error
amplifier
and
compensation loop. It samples the feedback
voltage 6µs after the MOSFET turns off, and
regulates the output based on the 2.55V
reference voltage.
Figure 5: EA and Ramp Compensation
Ramp Compensation
An internal ramp compensation circuit improves
the load regulation. As shown in Figure 5, an
exponential signal added to pull down the
reference voltage of the feedback comparator.
The ramp compensation is a function of the load
conditions: the compensation is about the
1mV/µs under full-load conditions compensation
increases exponentially as the peak current
decreases.
Over-Load Protection (OLP)
Maximum output power of MP158 is limited by
maximum switching frequency and peak current
limit. If the load current is too large, output
voltage drops, so that the FB voltage drops.
When the FB voltage drops below 1.7V, it is
considered as an error flag and timer starts. If the
timer reaches 120ms (fs=50kHz), OLP occurs.
This timer duration avoids triggering OLP when
the power supply starts up or load transition. The
power supply should start up in less than 120ms
(fs=50kHz). The OLP delay time is calculated as
per the following equation:
Delay
50kHz
120ms
fs
τ≈
×
Short-Circuit Protection (SCP)
The MP158 monitors the peak current, and shuts
down when the peak current rises above SCP
threshold through short-circuit protection. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com