Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP158GS Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP158GS
Description  Small, Energy-Efficient, Off-line Regulator 30mW No-Load Power Consumption
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP158GS Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP158GS Datasheet HTML 1Page - Monolithic Power Systems MP158GS Datasheet HTML 2Page - Monolithic Power Systems MP158GS Datasheet HTML 3Page - Monolithic Power Systems MP158GS Datasheet HTML 4Page - Monolithic Power Systems MP158GS Datasheet HTML 5Page - Monolithic Power Systems MP158GS Datasheet HTML 6Page - Monolithic Power Systems MP158GS Datasheet HTML 7Page - Monolithic Power Systems MP158GS Datasheet HTML 8Page - Monolithic Power Systems MP158GS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MP158 –SMALL, ENERGY-EFFICIENT, OFF-LINE REGULATOR
MP158 Rev. 1.0
www.MonolithicPower.com
3
10/17/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
PACKAGE REFERENCE
TOP VIEW
TOP VIEW
1
2
3
5
4 SOURCE
SOURCE
VCC
FB
DRAIN
VCC
FB
SOURCE
SOURCE
N/C
DRAIN
N/C
N/C
1
2
3
4
8
7
6
5
TSOT23-5
SOIC-8
ABSOLUTE MAXIMUM RATINGS (1)
Drain to source ............................ -0.3V to 500V
All other pins................................. -0.3V to 6.5V
Continuous Power Dissipation ... (TA = +25°C)
(2)
TSOT23-5.....................................................1W
SOIC8...........................................................1W
Junction Temperature.............................. 150°C
Lead Temperature ................................... 260°C
Storage Temperature............... -60°C to +150°C
ESD Capability Human Body Mode ..........3.5kV
ESD Charged Device Model
TSOT23-5...............................................1.75kV
SOIC8.......................................................2.0kV
Recommended Operating Conditions
(3)
Operating Junction Temp. (TJ). -40°C to +125°C
Operating VCC range .................... 5.3V to 5.6V
Thermal Resistance
(4)
θJA
θJC
TSOT23-5 ............................. 100 ..... 55... °C/W
SOIC-8................................... 96 ...... 45... °C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowance continuous power dissipation at
any
ambient
temperature
is
calculated
by
PD(MAX)=(TJ(MAX)-TA)/θJA.
Exceeding
the
maximum
allowance power dissipation will cause excessive die
temperature, and the regulator will go into thermal shutdown.
Internal thermal shutdown circuit protects the device from
permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com