Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP158GS Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP158GS
Description  Small, Energy-Efficient, Off-line Regulator 30mW No-Load Power Consumption
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP158GS Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP158GS Datasheet HTML 7Page - Monolithic Power Systems MP158GS Datasheet HTML 8Page - Monolithic Power Systems MP158GS Datasheet HTML 9Page - Monolithic Power Systems MP158GS Datasheet HTML 10Page - Monolithic Power Systems MP158GS Datasheet HTML 11Page - Monolithic Power Systems MP158GS Datasheet HTML 12Page - Monolithic Power Systems MP158GS Datasheet HTML 13Page - Monolithic Power Systems MP158GS Datasheet HTML 14Page - Monolithic Power Systems MP158GS Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
MP158 –SMALL, ENERGY-EFFICIENT, OFF-LINE REGULATOR
MP158 Rev. 1.0
www.MonolithicPower.com
11
10/17/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
power supply resumes operation with the
removal of the fault.
Thermal Shutdown (OTP)
To prevent any thermal induced damage, the
MP158
shuts
down
when
the
junction
temperature exceeds 150°C. During the thermal
shutdown
(OTP),
the
VCC
capacitor
is
discharged to 2.4V, and then the internal high
voltage regulator re-charges. MP158 recovers
when junction temperature drops below 120°C
Open-Loop Detection
If VFB is less than 60mV, the IC stops switching
and a re-start cycle begins. During Soft-Start, the
open loop detection is blanked.
Leading-Edge Blanking
An internal leading-edge blanking (LEB) unit
avoids premature switching pulse termination
due to turn on sipke. Turn on spike caused by
parasitic capacitance and reverse recovery of
freewheeling diode. During the blanking time, the
current comparator is disabled and can not turn
off the external MOSFET. Figure Figure 6 shows
the leading-edge blanking.
ILIMIT
350ns
IDS
t
Figure 6: Leading-Edge Blanking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com