Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP158GS Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP158GS
Description  Small, Energy-Efficient, Off-line Regulator 30mW No-Load Power Consumption
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP158GS Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP158GS Datasheet HTML 1Page - Monolithic Power Systems MP158GS Datasheet HTML 2Page - Monolithic Power Systems MP158GS Datasheet HTML 3Page - Monolithic Power Systems MP158GS Datasheet HTML 4Page - Monolithic Power Systems MP158GS Datasheet HTML 5Page - Monolithic Power Systems MP158GS Datasheet HTML 6Page - Monolithic Power Systems MP158GS Datasheet HTML 7Page - Monolithic Power Systems MP158GS Datasheet HTML 8Page - Monolithic Power Systems MP158GS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MP158 –SMALL, ENERGY-EFFICIENT, OFF-LINE REGULATOR
MP158 Rev. 1.0
www.MonolithicPower.com
4
10/17/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VCC = 5.8V, TJ=-40°C~125°C, Min & Max are guaranteed by characterization, typical is tested
under 25°C, unless otherwise specified.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Start-up Current Source and Internal MOSFET (Drain Pin)
Internal regulator supply current
Iregulator
VCC=4V;VDrain=100V
2.2
3.5
4.8
mA
Drain pin leakage current
ILeak
VDrain=400V
10
15
μA
Breakdown Voltage
V(BR)DSS
500
V
ON resistance
Ron
20
Ω
Supply Voltage Management (VCC Pin)
VCC level (increasing) where the
internal regulator stops
VCCOFF
5.3
5.6
5.95
V
VCC level (decreasing) where the
internal regulator turns on
VCCON
5.1
5.3
5.7
V
VCC regulator on and off hysteresis
110
250
mV
VCC level (decreasing) where the
IC stops
VCCstop
3
3.4
3.7
V
VCC level (decreasing) where the
protection phase ends
VCCpro
2
2.4
2.8
V
Internal IC consumption
ICC
VCC=5.5V, fs=50kHz,
D=47%
600
μA
Internal IC consumption (No
switching)
ICC
VCC=5.5V
165
uA
Internal IC consumption, latch-off
phase
ICCLATCH
VCC=5.3V
16
μA
Internal Current Sense
Peak current limit
ILimit
TJ=25
oC
83
101
125
mA
Leading-edge blanking
τLEB1
350
ns
SCP threshold
ISCP
TJ=25
oC
150
220
290
mA
Leading-edge blanking for SCP
(1)
τLEB2
180
ns
Feedback Input (FB Pin)
Minimum off time
τminoff
7.4
9.4
11.7
μs
Maximum on time
τmaxon
7.9
10.4
13.1
μs
Primary MOSFET feedback turn-on
threshold
VFB
2.45
2.55
2.65
V
OLP feedback trigger threshold
VFB OLP
1.6
1.7
1.85
V
OLP delay time
τOLP
fs=50kHz
120
ms
Open-loop detection
VOLD
60
mV
Thermal Shutdown
Thermal shutdown threshold
(1)
150
°C
Thermal shutdown recovery
hysteresis
(1)
30
°C
Notes:
1) This parameter is guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com