Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV6444 Datasheet(PDF) 52 Page - STMicroelectronics

Part # VV6444
Description  Low Cost Digital Camera (LCDC) Chipset
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6444 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button VV6444 Datasheet HTML 48Page - STMicroelectronics VV6444 Datasheet HTML 49Page - STMicroelectronics VV6444 Datasheet HTML 50Page - STMicroelectronics VV6444 Datasheet HTML 51Page - STMicroelectronics VV6444 Datasheet HTML 52Page - STMicroelectronics VV6444 Datasheet HTML 53Page - STMicroelectronics VV6444 Datasheet HTML 54Page - STMicroelectronics VV6444 Datasheet HTML 55Page - STMicroelectronics VV6444 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
PRELIMINARY
Digital Camera Chipset; Customer Datasheet, Rev 3.0, March 2000
STV0680A + VV6444/6410/6500
CDSTV0680F-C
Commercial in confidence
52
STV0680F_410_pckg.fm
D[7]
31
ODT
Tri-stateable Data wire (ms data bit).
May be configured as tri-stateable output data bit 6 D[6].
OEB
16
ID
Digital output (tri-state) enable.
DIGITAL CONTROL SIGNALS
RESETB
21
ID
System Reset. Active Low.
May be configured as System Sync. Active Low.
SUSPEND
12
ID
USB Suspend Mode Control signal. Active High
If this feature is not required then the support circuit must pull the pin to
ground. The combination of an active high signal and pull up pad was
chosen to limit current drawn by the device while in suspend mode.
SERIAL INTERFACE
SCL
15
BI
Serial bus clock (input only).
SDA
14
BI
Serial bus data (bidirectional, open drain).
SYSTEM CLOCKS
CLKI
30
ID
Schmitt Buffered Clock input or LVDS positive Clock input
Not connected
NC
18, 19
Not connected
Key
A
Analog Input
D
Digital Input
OA
Analog Output
ID
Digital input with internal pull-up
BI
Bidirectional
ID
Digital input with internal pull-down
BI
Bidirectional with internal pull-up
OD
Digital Output
BI
Bidirectional with internal pull-down
ODT
Tri-stateable Digital Output
Name
Pin Number
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com