Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV6444 Datasheet(PDF) 33 Page - STMicroelectronics

Part # VV6444
Description  Low Cost Digital Camera (LCDC) Chipset
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6444 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button VV6444 Datasheet HTML 29Page - STMicroelectronics VV6444 Datasheet HTML 30Page - STMicroelectronics VV6444 Datasheet HTML 31Page - STMicroelectronics VV6444 Datasheet HTML 32Page - STMicroelectronics VV6444 Datasheet HTML 33Page - STMicroelectronics VV6444 Datasheet HTML 34Page - STMicroelectronics VV6444 Datasheet HTML 35Page - STMicroelectronics VV6444 Datasheet HTML 36Page - STMicroelectronics VV6444 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
STV0680A + VV6444/6410/6500
Digital Camera Chipset; Customer Datasheet, Rev 3.0, March 2000
PRELIMINARY
CDSTV0680F-C
Commercial in confidence
33
STV0680F_contents.fm
7.5.2
Using VV6410/6500 (sensor operates at @ 3.3V DC)
Notes:
1. See Table 11 on page page 26. However, STV0680A mean current consumption is to be determined by measurement of
sample quantity in due course.
2. From limited evaluation, typical self-refresh current figures of certain SDRAM chips are well below manufacturers’ maximum
specification, e.g. 100-250
µA. See Section 9. for recommendations.
3. Sensor suspend mode current <100
µA when SUSPEND pin asserted, see Table 18 and Table 19.
4. If the appropriate hardware to assert the sensor SUSPEND pin is not fitted, an addditional current consumption in this mode
of up to 200
µA can be expected.
Mode
Typical
Comments
’Snapshot’/Continuous/
Self timer mode (while
un-tethered)
60mA
Assuming appropriate hardware included, power is sourced from PC
while USB connected.
’Snapshot’/Continuous/
Self timer mode (while
tethered to PC)
60mA
Standby Mode (when
NOT connected to USB):
Sensor SUSPEND pin
asserted (see note 4)
Approx. 0.5mA +
SDRAM self-
refresh current (see
note 2)
Total current in this mode equals:
STV0680A Standby current consumption (see note 1)
+ SDRAM self-refresh current (see note 2)
+ peripheral circuitry (approx. 50
µA).
+ Sensor suspend mode current (See note 3)
PC Suspend mode
(when connected to
USB): Sensor SUSPEND
pin asserted (see note 4)
Approx. 0.7mA +
SDRAM self-
refresh current (see
note 2)
Total current in this mode equals:
STV0680A Standby current consumption (see note 1)
+SDRAM self-refresh current (see note 2)
+ peripheral circuitry (approx. 50
µA).
+ 200
µA , based on 1.5k pull-up in camera (see Section 9.) and 15k
pull-down in PC.
+ Sensor suspend mode current (See note 3)
Table 22 : Current consumption, complete STV0680A+VV6410/6500 camera



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com