Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV6444 Datasheet(PDF) 47 Page - STMicroelectronics

Part # VV6444
Description  Low Cost Digital Camera (LCDC) Chipset
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6444 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button VV6444 Datasheet HTML 43Page - STMicroelectronics VV6444 Datasheet HTML 44Page - STMicroelectronics VV6444 Datasheet HTML 45Page - STMicroelectronics VV6444 Datasheet HTML 46Page - STMicroelectronics VV6444 Datasheet HTML 47Page - STMicroelectronics VV6444 Datasheet HTML 48Page - STMicroelectronics VV6444 Datasheet HTML 49Page - STMicroelectronics VV6444 Datasheet HTML 50Page - STMicroelectronics VV6444 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 60 page
background image
STV0680A + VV6444/6410/6500
Digital Camera Chipset; Customer Datasheet, Rev 3.0, March 2000
PRELIMINARY
CDSTV0680F-C
Commercial in confidence
47
STV0680F_444pckg.fm
10.2 VV6444 Pinout Diagram
Notes:
1. NC - Not connected
2. (*) - Paddle connections
CLKI
CLKO
D[0]
D[1]
VDD3
VSS3
VVSS
ADCVSS (*)
ADCVDD
SIN
7
8
6
5
4
3
2
1
48
47
46
45
44
42
41
38
9
10
11
12
13
14
15
16
17
19
20
21
22
23
24
25
26
27
28
29
32
33
34
35
36
37
D[2]
D[3]
FST
SDA
SCL
48 pin LCC
ADCBot
40
39
18
30
31
43
NC
QCK
VVDD
OEB
RESETB
TopRef/ADCTop
HOLDPIX
NC
VV6444
Figure 7 : VV6444 Pinout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com