Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV6444 Datasheet(PDF) 55 Page - STMicroelectronics

Part # VV6444
Description  Low Cost Digital Camera (LCDC) Chipset
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6444 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button VV6444 Datasheet HTML 51Page - STMicroelectronics VV6444 Datasheet HTML 52Page - STMicroelectronics VV6444 Datasheet HTML 53Page - STMicroelectronics VV6444 Datasheet HTML 54Page - STMicroelectronics VV6444 Datasheet HTML 55Page - STMicroelectronics VV6444 Datasheet HTML 56Page - STMicroelectronics VV6444 Datasheet HTML 57Page - STMicroelectronics VV6444 Datasheet HTML 58Page - STMicroelectronics VV6444 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 60 page
background image
STV0680A + VV6444/6410/6500
Digital Camera Chipset; Customer Datasheet, Rev 3.0, March 2000
PRELIMINARY
CDSTV0680F-C
Commercial in confidence
55
STV0680F_500_pckg.fm
12.2 VV6500 pin descriptions
Name
Pin Number
Type
Description
POWER SUPPLIES
AVSS
11
GND
Core analog ground and reference supplies.
SRAMVSS
21
GND
In-column SRAM analog ground.
VDDcore
44
PWR
Digital logic power.
VDDio
43
PWR
Digital pad ring power.
VSScore
29
GND
Digital logic ground.
VSSio
30
GND
Digital pad ring ground.
SRAMVSS
21
GND
In-column SRAM analogue ground.
ANALOG SIGNALS
Vbloom
8
OA
Anti-blooming pixel reset voltage
VBLTW
7
OA
Bitline test white level reference
VBG
1
OA
Internally generated bandgap reference voltage 1.22V
VCMTCAS
13
IA
Common-mode input for column pre-amp.
VRT
2
IA
Pixel reset voltage
AIN
4
IA
Analog input to Audio Amplifier
AOutP
5
OA
Analog output of Audio Amplifier (positive)
AOutN
6
OA
Analog output of Audio Amplifier (negative)
VDDHI
9
IA
Incoming power supply 4 -> 6V
VBase
46
OA
Drive for base of external bipolar
Vbus
47
IA
Incoming power supply 3.3 -> 6V
Reg3V3
45
OA
On-chip Voltage Regulator Output
ARef
IA
On-chip Audio Amplifier Reference Input
Aud3V3
3
OA
On-chip Audio Amplifier Voltage Regulator Output
Vid3V3
12
OA
On-chip Video Supply Voltage Regulator Output
PORB
16
OA
Power-on Reset (Bar) Output.
DIGITAL VIDEO INTERFACE
D[4]
D[3]
D[2]
D[1]
D[0]
36
35
34
33
32
ODT
Tri-stateable 5-wire output data bus.
- D[4] is the most significant bit.
- D[4:0] have programmable drive strengths 2, 4 and 6 mA
QCK
42
ODT
Tri-stateable data qualification clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com