Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV6444 Datasheet(PDF) 19 Page - STMicroelectronics

Part # VV6444
Description  Low Cost Digital Camera (LCDC) Chipset
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6444 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button VV6444 Datasheet HTML 15Page - STMicroelectronics VV6444 Datasheet HTML 16Page - STMicroelectronics VV6444 Datasheet HTML 17Page - STMicroelectronics VV6444 Datasheet HTML 18Page - STMicroelectronics VV6444 Datasheet HTML 19Page - STMicroelectronics VV6444 Datasheet HTML 20Page - STMicroelectronics VV6444 Datasheet HTML 21Page - STMicroelectronics VV6444 Datasheet HTML 22Page - STMicroelectronics VV6444 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 60 page
background image
STV0680A + VV6444/6410/6500
Digital Camera Chipset; Customer Datasheet, Rev 3.0, March 2000
PRELIMINARY
CDSTV0680F-C
Commercial in confidence
19
STV0680F_contents.fm
Figure 2 : SDRAM Read Timing (16Mbit device, burst read)
Figure 3 : SDRAM Write Timing (16Mbit device, burst write)
Table 7 : Timing parameters for SDRAM read/write
4.3.3
SDRAM refresh Period
The SDRAM refresh period from STV0680A is guaranteed to be no greater than 15.6
µS during ‘Snapshot’/self-timer/continuous/
tethered video modes of operation (i.e. not standby mode). In standby mode, the SDRAM is set to self-refresh, therefore no
Symbol
Min
Max
Units
Symbol
Min
Max
Units
tCK
166.45
166.89
ns
tDS
81.01
ns
tCH
½tCK
tDH
83.41
ns
tCL
½tCK
tRCD
1tCK
tAC
½tCK
tRAS
55
tCK
tOH
0ns
tRC
7tCK
tCMS
82.88
ns
tRP
2tCK
tCMH
82.85
ns
tRCD
1tCK
tAS
82.88
ns
tAH
82.76
ns
DCLK
Command
DQM
A0-9,BA
A10
ACTIVE
WRITE
NOP
PRECHARGE
NOP
ROW
COLUMN
ROW
DIN M
DIN M + 1
DIN M + 2
DIN M + 3
DQ
tCK
tRCD
tRC
CK E
tRAS
tRP
tCMS
tCMH
tAS
tAH
tL
tH
tCMS
tCMH
tDS
tDH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com