Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV6444 Datasheet(PDF) 31 Page - STMicroelectronics

Part # VV6444
Description  Low Cost Digital Camera (LCDC) Chipset
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6444 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button VV6444 Datasheet HTML 27Page - STMicroelectronics VV6444 Datasheet HTML 28Page - STMicroelectronics VV6444 Datasheet HTML 29Page - STMicroelectronics VV6444 Datasheet HTML 30Page - STMicroelectronics VV6444 Datasheet HTML 31Page - STMicroelectronics VV6444 Datasheet HTML 32Page - STMicroelectronics VV6444 Datasheet HTML 33Page - STMicroelectronics VV6444 Datasheet HTML 34Page - STMicroelectronics VV6444 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 60 page
background image
STV0680A + VV6444/6410/6500
Digital Camera Chipset; Customer Datasheet, Rev 3.0, March 2000
PRELIMINARY
CDSTV0680F-C
Commercial in confidence
31
STV0680F_contents.fm
asserted during Standby Mode/PC Suspend Mode. Hence the sensor is placed in Sensor Suspend mode by means of (a) a
Serial interface message and (b) the SUSPEND pin being asserted.
2. Where the external hardware does not permit the sensor SUSPEND pin to be asserted during Standby Mode/PC Suspend
Mode, the sensor is placed in Sensor Suspend mode by means of a Serial interface message only. This increases current
consumption due to a pull-up on the SUSPEND pin.
7.5
Typical current consumption of complete camera
The following data assumes that the camera has been built according to reference design referred to in Section 9. Figures are
approximate and depend on actual components sourced - see notes.
Parameter
Min.
Max.
Notes
VIL
-0.5v
0.3 x VDD
Guaranteed input low voltage
VIH
0.7 x VDD
VDD + 0.5v
Guaranteed input high voltage
VOL
0.4V
At max IOL for pad type
VOH
2.4v
VDD - 0.5v
IOH = 100
µA
At max IOH for pad type
TJ Junction Temp
0 deg C
100 deg C
Standard Pullup (SDA, SCL)
35
µA current
draw
52
µA current
draw
Standard Pulldown (OEB)
25
µA current
draw
42
µA current
draw
Non-standard Pullup
(RESETB)
66
µA current
draw
250
µA current
draw
Table 20 : VV6410/6500 DC Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com