Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV6444 Datasheet(PDF) 29 Page - STMicroelectronics

Part # VV6444
Description  Low Cost Digital Camera (LCDC) Chipset
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6444 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button VV6444 Datasheet HTML 25Page - STMicroelectronics VV6444 Datasheet HTML 26Page - STMicroelectronics VV6444 Datasheet HTML 27Page - STMicroelectronics VV6444 Datasheet HTML 28Page - STMicroelectronics VV6444 Datasheet HTML 29Page - STMicroelectronics VV6444 Datasheet HTML 30Page - STMicroelectronics VV6444 Datasheet HTML 31Page - STMicroelectronics VV6444 Datasheet HTML 32Page - STMicroelectronics VV6444 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
STV0680A + VV6444/6410/6500
Digital Camera Chipset; Customer Datasheet, Rev 3.0, March 2000
PRELIMINARY
CDSTV0680F-C
Commercial in confidence
29
STV0680F_contents.fm
7.3
VV6444 Sensor
7.4
VV6410 and VV6500 sensors
Colour Image Format
352 x 288 pixels (CIF)
Pixel Size
12.0 x 11.0
µm
Image array size
4.272mm x 3.212mm
Array Format
CIF
Sensor signal / Noise ratio
Approx. 48dB (* See note 1)
Supply Voltage
5.0V DC +/-5%
Package type
48LCC
Operating Temp. range
0oC - 40oC
Current consumption
Min
Typ
Max
Units
’Snapshot’/self-timer/continuous/tethered
video modes of operation
30
TBD
mA
Standby/PC Suspend Mode, sensor pow-
ered off (see note 2)
Negligible
TBD
µA
Standby/PC Suspend Mode, sensor pow-
ered on (See note 3)
Approx.
300
TBD
µA
Table 16 : VV6444 Specifications
* Notes:
1. 48dB refers to VV6404. With the addition of microlenses on VV6444, an increase in sensitivity can be expected.
2. Where the sensor is completely powered off by a FET or switcher (external hardware) during the Standby/PC Suspend
Mode.
3. Where the FET/switcher is not implemented, and the sensor is powered throughout Standby/PC Suspend Mode, however
the sensor clock is disabled.
Parameter
Min.
Max.
Notes
VIL
-0.5v
0.3 x VDD
Guaranteed input low voltage
VIH
0.7 x VDD
VDD + 0.5v
Guaranteed input high voltage
VOL
0.4V
At max IOL for pad type
VOH
2.4v
VDD - 0.5v
IOH = 100
µA
At max IOH for pad type
TJ Junction Temp
0 deg C
100 deg C
Internal Pullup resistor
35k
Ω
150k
Ω
Internal Pulldown resistor
35k
Ω
150k
Ω
Table 17 : VV6444 DC Characteristics
Colour Image Format
352 x 288 pixels (CIF)
Pixel Size
7.5 x 6.9
µm
Table 18 : VV6410 Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com